Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH430 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TH430
Description  RF & Microwave transistors HF SSB application
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH430 Datasheet(HTML) 4 Page - STMicroelectronics

  TH430 Datasheet HTML 1Page - STMicroelectronics TH430 Datasheet HTML 2Page - STMicroelectronics TH430 Datasheet HTML 3Page - STMicroelectronics TH430 Datasheet HTML 4Page - STMicroelectronics TH430 Datasheet HTML 5Page - STMicroelectronics TH430 Datasheet HTML 6Page - STMicroelectronics TH430 Datasheet HTML 7Page - STMicroelectronics TH430 Datasheet HTML 8Page - STMicroelectronics TH430 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
SD1728 (TH430)
4/9
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
Table 4.
Static
Symbol
Test conditions
Values
Unit
Min
Typ
Max
BVCES
IC = 200mA, VBE = 0V
110
V
BVCEO
IC = 200mA, IB = 0mA
55
V
BVEBO
IE = 20mA, IC = 0mA
4.0
V
ICEO
VCE = 30V, IE = 0mA
500
µA
ICES
VCE = 60V, IE = 0mA
500
µA
IEBO
VBE = 4.2V
500
µA
hFE
VCE = 6V, IC = 10A
23
45
Table 5.
hFE ranking (VCE = 6V; IC = 10A)
C23 - 27
D27 - 32
E
32 - 38
F38 - 45
Table 6.
Dynamic
Symbol
Test conditions
Values
Unit
Min
Typ
Max
POUT
VCC = 44V, f = 13.56MHz
200
250
W
GP
VCC = 44V, POUT = 200W
15
17
dB
η
C
VCC = 44V, POUT = 200W
56
%
COB
VCB = 50V, f = 1MHz
250
360
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com