Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L45C Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30L45C
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L45C Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30L45C Datasheet HTML 1Page - STMicroelectronics STPS30L45C Datasheet HTML 2Page - STMicroelectronics STPS30L45C Datasheet HTML 3Page - STMicroelectronics STPS30L45C Datasheet HTML 4Page - STMicroelectronics STPS30L45C Datasheet HTML 5Page - STMicroelectronics STPS30L45C Datasheet HTML 6Page - STMicroelectronics STPS30L45C Datasheet HTML 7Page - STMicroelectronics STPS30L45C Datasheet HTML 8Page - STMicroelectronics STPS30L45C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
October 2010
Doc ID 8002 Rev 4
1/12
12
STPS30L45C
Low drop power Schottky rectifier
Features
■ low forward voltage drop meaning very small
conduction losses
■ low switching losses allowing high frequency
operation
■ low thermal resistance
■ avalanche rated
■ insulated package TO-220FPAB:
– insulating voltage = 2000 V DC
– capacitance = 45 pF
■ avalanche capability specified
Description
Dual center tap Schottky rectifier suited for
switched mode power supplies and high
frequency DC to DC converters.
Packaged in TO-247, TO-220AB, TO-220FPAB,
D2PAK and I2PAK this device is intended for use
in low voltage, high frequency inverters, free
wheeling and polarity protection applications.
Table 1.
Device summary
IF(AV)
2 x 15 A
VRRM
45 V
Tj (max)
150 °C
VF(max)
0.5 V
A1
K
A2
K
A1
A2
K
A1
A2
K
A1
A2
K
A1
A2
A1
A2
K
TO-247
STPS30L45CW
TO-220FPAB
STPS30L45CFP
D2PAK
STPS30L45CG
TO-220AB
STPS30L45CT
I2PAK
STPS30L45CR
www.st.com


Similar Part No. - STPS30L45C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30L45C STMICROELECTRONICS-STPS30L45C Datasheet
143Kb / 12P
Low drop power Schottky rectifier
13-Oct-2010
STPS30L45CFP STMICROELECTRONICS-STPS30L45CFP Datasheet
126Kb / 8P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
logo
Infineon Technologies A...
STPS30L45CFP INFINEON-STPS30L45CFP Datasheet
2Mb / 25P
12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
logo
STMicroelectronics
STPS30L45CFP STMICROELECTRONICS-STPS30L45CFP Datasheet
143Kb / 12P
Low drop power Schottky rectifier
13-Oct-2010
STPS30L45CG STMICROELECTRONICS-STPS30L45CG Datasheet
126Kb / 8P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
More results

Similar Description - STPS30L45C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com