Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPS30L45C Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPS30L45C
Description  Low drop power Schottky rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30L45C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPS30L45C Datasheet HTML 4Page - STMicroelectronics STPS30L45C Datasheet HTML 5Page - STMicroelectronics STPS30L45C Datasheet HTML 6Page - STMicroelectronics STPS30L45C Datasheet HTML 7Page - STMicroelectronics STPS30L45C Datasheet HTML 8Page - STMicroelectronics STPS30L45C Datasheet HTML 9Page - STMicroelectronics STPS30L45C Datasheet HTML 10Page - STMicroelectronics STPS30L45C Datasheet HTML 11Page - STMicroelectronics STPS30L45C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package Information
STPS30L45C
10/12
Doc ID 8002 Rev 4
Table 9.
TO-247 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.85
5.15
0.191
0.203
A1
2.20
2.60
0.086
0.102
b
1.00
1.40
0.039
0.055
b1
2.00
2.40
0.078
0.094
b2
3.00
3.40
0.118
0.133
c
0.40
0.80
0.015
0.031
D(1)
1.
Dimension D plus gate protrusion does not exceed 20.5 mm
19.85
20.15
0.781
0.793
E
15.45
15.75
0.608
0.620
e
5.45 typ.
0.215 typ.
L
14.20
14.80
0.559
0.582
L1
3.70
4.30
0.145
0.169
L2
18.50 typ.
0.728 typ.
∅P(2)
2.
Resin thickness around the mounting hole is not less than 0.9 mm
3.55
3.65
0.139
0.143
∅R
4.50
5.50
0.177
0.217
S
5.50 typ.
0.216 typ.
E
L2
S
D
c
A1
BACK VIEW
Heat-sink plane
L1
L
b1
b2
b
A
e
1
1
2
2
3
3
∅R
∅P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com