Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T630W Datasheet(PDF) 2 Page - STMicroelectronics

Part # T630W
Description  6 A Snubberless??Triac
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T630W Datasheet(HTML) 2 Page - STMicroelectronics

  T630W Datasheet HTML 1Page - STMicroelectronics T630W Datasheet HTML 2Page - STMicroelectronics T630W Datasheet HTML 3Page - STMicroelectronics T630W Datasheet HTML 4Page - STMicroelectronics T630W Datasheet HTML 5Page - STMicroelectronics T630W Datasheet HTML 6Page - STMicroelectronics T630W Datasheet HTML 7Page - STMicroelectronics T630W Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
T630W
2/8
Doc ID 3764 Rev 3
1
Characteristics
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current (full sine wave)
Tc = 105°C
6
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
80
A
F = 60 Hz
t = 16.7 ms
84
I²tI²t Value for fusing
tp = 10 ms
36
A²s
dI/dt
Critical rate of rise of on-state
current IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4
A
PG(AV)
Average gate power dissipation
Tj = 125°C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Quadrant
Value
Unit
IGT
(1)
1.
Minimum IGT is guaranted at 5% of IGT max.
VD = 12 V RL = 30 Ω
I - II - III
Max.
30
mA
VGT
I - II - III
Max.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ
Tj = 125 °C
I - II - III
Min.
0.2
V
IH
(2)
2.
For both polarities of A2 referenced to A1
IT = 100 mA
Max.
50
mA
IL
IG = 1.2 IGT
I - III
Max.
70
mA
II
80
dV/dt (2)
VD = 67 %VDRM gate open Tj = 125 °C
Min.
500
V/µs
(dI/dt)c (2) Without snubber
Tj = 125 °C
Min.
4.5
A/ms
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VT
(1)
1.
For both polarities of A2 referenced to A1
ITM = 8.5 A
tp = 380 µs
Tj = 25 °C
Max.
1.4
V
Vt0
(1)
Threshold voltage
Tj = 125 °C
Max.
0.85
V
Rd
(1)
Dynamic resistance
Tj = 125 °C
Max.
50
m
Ω
IDRM
IRRM
VDRM = VRRM
Tj = 25 °C
Max.
5µA
Tj = 125 °C
1
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com