Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T630W Datasheet(PDF) 4 Page - STMicroelectronics

Part # T630W
Description  6 A Snubberless??Triac
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T630W Datasheet(HTML) 4 Page - STMicroelectronics

  T630W Datasheet HTML 1Page - STMicroelectronics T630W Datasheet HTML 2Page - STMicroelectronics T630W Datasheet HTML 3Page - STMicroelectronics T630W Datasheet HTML 4Page - STMicroelectronics T630W Datasheet HTML 5Page - STMicroelectronics T630W Datasheet HTML 6Page - STMicroelectronics T630W Datasheet HTML 7Page - STMicroelectronics T630W Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Characteristics
T630W
4/8
Doc ID 3764 Rev 3
Figure 9.
Relative variation of critical rate of decrease of main current versus junction
temperature
Figure 7.
Relative variation of gate trigger
current, holding current and
latching
Figure 8.
Relative variation of critical rate of
decrease of main current versus
reapplied (dV/dt)c (typical value)
I,I ,I [T ] /
GTHL
j
I
,I ,I [T =25°C]
GTHL
j
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90 100 110 120 130
T (°C)
j
IGT
IH & IL
Current versus junction temperature
(typical values)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1.0
10.0
100.0
(dV/dt) (V/µs)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
0
1
2
3
4
5
6
7
8
0
25
50
75
100
125
(dI/dt)c [T ] /
j
(dI/dt)c [T = 125°C]
j
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com