Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP02002 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 5Page - Diodes Incorporated AP02002 Datasheet HTML 6Page - Diodes Incorporated AP02002 Datasheet HTML 7Page - Diodes Incorporated AP02002 Datasheet HTML 8Page - Diodes Incorporated AP02002 Datasheet HTML 9Page - Diodes Incorporated AP02002 Datasheet HTML 10Page - Diodes Incorporated AP02002 Datasheet HTML 11Page - Diodes Incorporated AP02002 Datasheet HTML 12Page - Diodes Incorporated AP02002 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AP02002 Rev. 44
9 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
DFN5060-4
D
e
A
A1
A3
E
E1
D1
E2
D2
E3
L (4x)
b (4x)
D3
E5
E4
D4
D1
D1
E2
DFN5060-4
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3
−
−
0.15
b
0.60
0.70
0.65
D
4.95
5.05
5.00
D1
0.90
1.10
1.00
D2
0.60
0.80
0.70
D3
−
−
0.90
D4
−
−
0.325
e
−
−
4.00
E
5.95
6.05
6.00
E1
0.70
0.90
0.80
E2
0.90
1.10
1.00
E3
0.80
1.00
0.90
E4
−
−
1.25
E5
−
−
1.45
L
0.60
0.70
0.65
All Dimensions in mm
DF-S / MiniDIP
A
B
C
D
E
G
H
J
L
K
DF-S
Dim
Min
Max
A
7.40
7.90
B
6.20
6.50
C
0.22
0.30
D
0.076
0.33
E
⎯
10.40
G
1.02
1.53
H
8.13
8.51
J
2.40
2.60
K
5.00
5.20
L
1.00
1.20
All Dimensions in mm
MiniDIP
Dim
Min
Max
A
5. 3
5.75
B
3.6
4.0
C
0.15
0.35
D
0.05
0.20
E
⎯
7.0
G
0.70
1.10
H
4.5
4.9
J
2.3
2.7
K
2.3
2.7
L
0.50
0.80
All Dimensions in mm
MiniMELF / MELF
C
A
B
MiniMELF
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
M LF
Dim
Min
Max
A
4.80
5.20
B
2.40
2.60
C
0.55 Typ
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com