Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP02002 Datasheet(PDF) 22 Page - Diodes Incorporated

Part # AP02002
Description  PACKAGE OUTLINE DIMENSIONS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP02002 Datasheet(HTML) 22 Page - Diodes Incorporated

Back Button AP02002 Datasheet HTML 18Page - Diodes Incorporated AP02002 Datasheet HTML 19Page - Diodes Incorporated AP02002 Datasheet HTML 20Page - Diodes Incorporated AP02002 Datasheet HTML 21Page - Diodes Incorporated AP02002 Datasheet HTML 22Page - Diodes Incorporated AP02002 Datasheet HTML 23Page - Diodes Incorporated AP02002 Datasheet HTML 24Page - Diodes Incorporated AP02002 Datasheet HTML 25Page - Diodes Incorporated AP02002 Datasheet HTML 26Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AP02002 Rev. 44
22 of 32
www.diodes.com
Package Outline Dimensions
© Diodes Incorporated
TO252-5L
b3
E
5X b2
D
A
c2
e
A1
L
L3
5X b
a
H
A2
E1
TO252-5L
Dim
Min
Max
Typ
A
2.19
2.39
2.29
A1
0.00
0.13
0.08
A2
0.97
1.17
1.07
b
0.51
0.71
0.583
b2
0.61
0.79
0.70
b3
5.21
5.46
5.33
c2
0.45
0.58
0.531
D
6.00
6.20
6.10
D1
5.21
−
−
e
−
−
1.27
E
6.45
6.70
6.58
E1
4.32
−
−
H
9.40
10.41
9.91
L
1.40
1.78
1.59
L3
0.88
1.27
1.08
a
0°
10°
−
All Dimensions in mm
D
2PAK
E
b1
c
H
D
L1
b
L2
Lc1
A
e
a
12
K
E1
D1
D
2PAK
Dim
Min
Max
A
4.07
4.82
b
0.51
0.99
b1
1.15
1.77
c
0.356
0.58
c1
1.143
1.65
D
8.39
9.65
D1
6.55
⎯
E
9.66
10.66
E1
6.23
⎯
e
2.54 Typ
H
14.61
15.87
L
1.78
2.79
L1
⎯
1.67
L2
⎯
1.77
a
0°
8°
All Dimensions in mm
TO-262
E
D
L1
c2
A
b
b2
L2
e
A2
c
TO-262
Dim
Min
Max
Typ
A
4.06
4.83
4.57
A2
2.03
2.79
2.67
b
0.64
0.99
-
b2
1.14
1.40
1.24
c
0.356
0.74
-
c2
1.14
1.40
1.27
D
8.64
9.65
8.70
E
9.65
10.29
10.11
e
2.54 Typ
L
12.70
14.73
13.60
L1
-
1.67
-
L2
−
4.00
-
All Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com