Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX625 Datasheet(PDF) 9 Page - CML Microcircuits

Part # CMX625
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625 Datasheet(HTML) 9 Page - CML Microcircuits

Back Button CMX625 Datasheet HTML 5Page - CML Microcircuits CMX625 Datasheet HTML 6Page - CML Microcircuits CMX625 Datasheet HTML 7Page - CML Microcircuits CMX625 Datasheet HTML 8Page - CML Microcircuits CMX625 Datasheet HTML 9Page - CML Microcircuits CMX625 Datasheet HTML 10Page - CML Microcircuits CMX625 Datasheet HTML 11Page - CML Microcircuits CMX625 Datasheet HTML 12Page - CML Microcircuits CMX625 Datasheet HTML 13Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
9
D/625/2
The CMX625 cannot initiate MON communication directly in a multi-slave application. Each slave
must monitor the MON channel for its unique address in the first byte before processing the following
command. Each slave can therefore only drive the DU MON channel when specifically requested to
by the master.
(iii) The ‘D’ channel consists of two bits providing 16kbps for carrying D channel user data. This channel
is not used by the CMX625.
(iv) The ‘Command/Indicate’ channels, labelled C/I0 and C/I1, provide real time status information
between devices connected via the IOM-2 bus. The C/I0 in channel 0 consists of 4 bits and the C/I1
in channel 1 is 6 bits wide. The C/I0 in channel 0 is not used.
The C/I1 channel is shared by all devices on the IOM-2 bus with no mechanism for determining and
resolving contention. If multiple slave devices are expected to drive the C/I1 channel then care must
be taken to allocate different bits to each device. An example of C/I1 channel usage would be 6 slave
devices each allocated one of the 6 C/I1 bits. When a slave requires attention it asserts its own bit,
which is detected by the master as a C/I1 value change (generating a processor interrupt). The
processor would then initiate MON1 communications with the appropriate slave and service its
request.
This is an example of one usage, but the C/I1 bits may be used for any real time
command/indicate purpose dependent on system design and number of slaves on the IOM-2 bus.
The C/I1 Channel Output Control Code is encoded as follows (bits 0, 1 and 2 of the IOM CONTROL
Register):
C/I1 Channel Output Control
Code (IOM Control Register,
Bits 2, 1 and 0)
C/I1 Channel Output Bit Content
0 0 0
C/I1 bits 5-0 = all logic ‘1’, i.e. C/I1 output disabled
0 0 1
Interrupt Request (logic ‘0’) on C/I1 bit 0 )
0 1 0
Interrupt Request (logic ‘0’) on C/I1 bit 1 )
0 1 1
Interrupt Request (logic ‘0’) on C/I1 bit 2 ) all other bits logic ‘1’
1 0 0
Interrupt Request (logic ‘0’) on C/I1 bit 3 )
1 0 1
Interrupt Request (logic ‘0’) on C/I1 bit 4 )
1 1 0
Interrupt Request (logic ‘0’) on C/I1 bit 5 )
1 1 1
Status Register bits 7-2 on C/I1 bits 5-0
Code ‘000’ is provided to disable drive of the C/I1 channel for use when multiple slaves have
completely utilised the C/I1 channel resource. The Interrupt Mask Register settings are ignored and
the C/I1 bits are set to logic ‘1’.
For codes ‘001’ to ‘110’ a logic ‘0’ (Interrupt Request) is driven onto the appropriate C/I1 bit when the
Status Register bits contain an unmasked logic ‘1’ (set by the Interrupt Mask Register). This allows
other devices to use the remaining C/I bits for their own purposes. The master device would use the
change of the appropriate C/I bit to initiate a Status Register read from the CMX625.
Code ‘111’ and an unmasked Status Register (INTERRUPT MASK bits 2 to 7 are set to ‘1’) allows the
most significant 6 bits of the Status Register to be driven onto the C/I1 channel directly for use when
the CMX625 is the only slave utilising the C/I channel. If any of the Status bits are masked, by setting
the equivalent bit in the mask register to ‘0’, then a logic ’0’ will be routed to the appropriate C/I1 bit
and will not change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com