| Electronic Components Datasheet Search |
|
CMX625 Datasheet(PDF) 18 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
CMX625 Datasheet(HTML) 18 Page - CML Microcircuits |
|
18 / 34 page ![]() ISDN TA POTS Interface CMX625 2001 Consumer Microcircuits Limited 18 D/625/2 1.5.12 Tx UART This block connects the IOM-2 serial bus interface to the FSK Encoder. The block can be programmed to convert transmit data from 8-bit bytes to asynchronous data characters by adding Start and Stop bits. The transmit data is then passed to the FSK Encoder. Data to be transmitted should be loaded, via the IOM-2 bus interface, into the TX DATA Register when the Tx Data Ready bit (bit 6) of the STATUS Register goes high. It will then be treated by the Tx UART block in one of two ways, depending on the setting of bit 1 of the SETUP Register: If bit 1 of the SETUP Register is ‘0’ (Tx Sync mode) then the 8 bits from the TX DATA Register will be transmitted sequentially at 1200bps, lsb (D0) first. If bit 1 of the SETUP Register is ‘1’ (Tx Async mode) then bits will be transmitted as asynchronous data characters at 1200 bps according to the following format: One Start bit (Space) Eight Data bits (D0-D7) from the TX DATA Register, with the lsb (D0) transmitted first One Stop bit (Mark) Failure to load the TX DATA Register with a new value when required will result in bit 7 (Tx Data Underflow) of the STATUS Register being set to ‘1’. If the ‘Tx Async’ mode of operation is selected then a continuous Mark (‘1’) signal will be transmitted until a new value is loaded into TX DATA. If the ‘Tx Sync’ mode is selected then the byte already in the TX DATA Register will be re-transmitted. Figure 9a Transmit UART Function (Async) Figure 9b Transmit UART Function (Sync) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |