Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMX625P4 Datasheet(PDF) 12 Page - CML Microcircuits

Part # CMX625P4
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625P4 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button CMX625P4 Datasheet HTML 8Page - CML Microcircuits CMX625P4 Datasheet HTML 9Page - CML Microcircuits CMX625P4 Datasheet HTML 10Page - CML Microcircuits CMX625P4 Datasheet HTML 11Page - CML Microcircuits CMX625P4 Datasheet HTML 12Page - CML Microcircuits CMX625P4 Datasheet HTML 13Page - CML Microcircuits CMX625P4 Datasheet HTML 14Page - CML Microcircuits CMX625P4 Datasheet HTML 15Page - CML Microcircuits CMX625P4 Datasheet HTML 16Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
12
D/625/2
Figure 6 shows the monitor channel handshake procedure.
MX = Monitor Transmit Bit, active low.
MR = Monitor Receive Bit, active high.
MD = Monitor Data
Figure 6 Monitor Channel Handshake Procedure
Figure 7 shows the maximum speed case for monitor handshake timing. The transmitter can be designed
for a higher data throughput than is provided by the general case. The transmitter can deactivate (high)
MX and transmit new data one frame after MR is deactivated. In this way, the transmitter is anticipating
that MR will be reactivated one frame after it is deactivated, minimising the delay between bytes. MR
being held inactive (high) for two or more frames indicates an abort is being signalled by the receiver.
Byte 1
Byte 2
Byte 3
Byte n
ACK
ACK
ACK
ACK
EOM
MR
MX
Data
Figure 7 Monitor Handshake Timing (maximum speed case)
The abort is a signal from the receiver to the transmitter indicating that data has been missed. The
receiver is able to abort a transmission by holding MR inactive (high) for two or more frames in response
to MX going active. An abort from the receiver will generate an interrupt when the INTERRUPT MASK
Register bit 2 is unmasked (logic ‘1’) and bit 2 of the Status Register will be set to ‘1’. Figure 8 shows a
monitor abort request from the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com