Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX641 Datasheet(PDF) 8 Page - CML Microcircuits

Part # MX641
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button MX641 Datasheet HTML 4Page - CML Microcircuits MX641 Datasheet HTML 5Page - CML Microcircuits MX641 Datasheet HTML 6Page - CML Microcircuits MX641 Datasheet HTML 7Page - CML Microcircuits MX641 Datasheet HTML 8Page - CML Microcircuits MX641 Datasheet HTML 9Page - CML Microcircuits MX641 Datasheet HTML 10Page - CML Microcircuits MX641 Datasheet HTML 11Page - CML Microcircuits MX641 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Dual SPM Detector
Page 8 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
SIGNAL INPUT
TONE
NOTONE
RESPONSE
DELAY
DERESPONSE
DELAY
SIGNAL INPUT ......
TONE FOLLOWER OUTPUT
CH1 and CH 2 OUTPUTS
PACKET MODE OUTPUT ......
TONE FOLLOWER OUTPUT ......
PACKET MODE OUTPUT
Figure 4: Tone Follower and Packet Mode Outputs
4.3
Sensitivity Setting
To enable the MX641 to operate correctly to most national 12kHz and 16kHz SPM specifications, the input
sensitivity can be accurately adjusted and set.
There are two different pin-selectable modes of sensitivity setting available to the MX641: Controlled
Sensitivity Mode and Fixed Sensitivity Mode
The Controlled Sensitivity mode allows the sensitivity setting from a µController via a 6-bit serial data input.
This same serial input also sets operation (bit 0) to either 12kHz or 16kHz systems. Both channels are set
identically.
The Fixed Sensitivity mode allows the sensitivity of each channel to be set to a fixed “gain” by external
components at the input amplifiers. Operation to either 12kHz or 16kHz is by the System Select input.
4.3.1
Controlled Sensitivity Setting
With the external gain (sensitivity) components used as shown in Figure 2, the gain of the input stages is
19.8dB (12kHz) or 20.5dB (16kHz). For controlled sensitivity setting the gain of each bandpass filter, and
therefore the device sensitivity, is adjusted by the applied serial bits D1 to D5.
In the Controlled Sensitivity mode the system frequency is selected by bit D0 (‘1’ = 12kHz; ‘0’ = 16kHz). Data
is loaded Bit 5 (D5) first. Table 4 details the serial data inputs for the required sensitivity. Minimum, Nominal
and Maximum Sensitivity figures are provided to make complete allowance for internal circuit offsets and
component tolerances.
0dB(ref.) = 775mVRMS at VDD = 5.0 volts; varies directly with VDD.
Note: Device sensitivity is directly proportional to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com