Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX641 Datasheet(PDF) 11 Page - CML Microcircuits

Part # MX641
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button MX641 Datasheet HTML 7Page - CML Microcircuits MX641 Datasheet HTML 8Page - CML Microcircuits MX641 Datasheet HTML 9Page - CML Microcircuits MX641 Datasheet HTML 10Page - CML Microcircuits MX641 Datasheet HTML 11Page - CML Microcircuits MX641 Datasheet HTML 12Page - CML Microcircuits MX641 Datasheet HTML 13Page - CML Microcircuits MX641 Datasheet HTML 14Page - CML Microcircuits MX641 Datasheet HTML 15Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Dual SPM Detector
Page 11 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.3.2
Fixed Sensitivity Setting
In this mode the sensitivity of each channel is set by the correct selection of the components around the
Channel Input Amplifier. Note that the device sensitivity is directly proportional to the applied power supply
(VDD) and that the gain bandwidth product of the input opamp can attenuate the SPM signal gain at some
input gain configurations.
4.3.2.1
Input Gain Calculation
The input amplifier, with external circuitry, is used to set the sensitivity of the MX641 to conform to the user's
national level specification with regard to ‘Must’ and ‘Must-Not’ decode signal levels.
With reference to the graph in Figure 7, the following steps will assist in the determination of the required
gain/attenuation.
Step 1
Draw two horizontal lines from the Y-axis (Signal Level) in Figure 7. The upper line represents the
required ‘Must’ decode level. The lower line represents the required ‘Must-Not’ decode level
Step 2
Mark the intersection of the upper horizontal line and the upper sloping line; drop a vertical line from
this point to the X-axis (Amplifier Gain (dB)). The point where the vertical line meets the X-axis
indicates the minimum Input Amp gain required for reliable decoding of valid signals
Step 3
Mark the intersection of the lower horizontal line and the lower sloping line; drop a vertical line from
this point to the X-axis. The point where the vertical line meets the X-axis will indicate the maximum
allowable Input Amp gain. Input signals at or below the ‘Must-Not’ decode level will not be detected
as long as the amplifier gain is no higher than this level.
AMPLIFIER GAIN (dB)
MUST DECODE LEVEL
MINIMUM AMPLIFIER GAIN
MAXIMUM AMPLIFIER GAIN
MUST-NOT DECODE LEVEL
V
= 5.0 (±0.1) VOLTS; TEMP = -40°C to 85°C
DD
-50
-45
-40
-35
-30
-25
-20
-15
-10
-20
-15
-10
-5
0
5
10
15
20
25
Figure 7: Input Gain Calculation Graph for use in the Fixed Sensitivity Mode
4.3.2.2
Input Gain Components
Refer to the gain components shown in Figure 2. The user should calculate and select external components
(R1/R3/C3, R2/R4/C4 and R5/R7/C5, R6/R8/C6) to provide amplifier gains within the limits obtained in Steps
2 and 3.
Component tolerances should not move the gain-figure outside these limits. The graph in Figure 7 is for the
calculation of input gain components for an MX641 using a VDD of 5.0 (±0.1) volts.
It is recommended that the designed gain is near the center of the calculated range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com