Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX641P Datasheet(PDF) 10 Page - CML Microcircuits

Part # MX641P
Description  Dual SPM Detector
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX641P Datasheet(HTML) 10 Page - CML Microcircuits

Back Button MX641P Datasheet HTML 6Page - CML Microcircuits MX641P Datasheet HTML 7Page - CML Microcircuits MX641P Datasheet HTML 8Page - CML Microcircuits MX641P Datasheet HTML 9Page - CML Microcircuits MX641P Datasheet HTML 10Page - CML Microcircuits MX641P Datasheet HTML 11Page - CML Microcircuits MX641P Datasheet HTML 12Page - CML Microcircuits MX641P Datasheet HTML 13Page - CML Microcircuits MX641P Datasheet HTML 14Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Dual SPM Detector
Page 10 of 16
MX641 Preliminary Information
ã
ã
ã
ã2001 MX-COM, Inc.
www.mxcom.com tel: 800 638 5577 336 744 5050 fax: 336 744 5054
Doc. # 20480115.004
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
4.3.1.2
German FTZ Specification (16kHz)
The FTZ system has a Must Decode level of -21dB (ref.) and a Must-Not Decode level of -27dB (ref.).
Reference to
Table 4 shows that Bandpass Filter Gain settings of 5dB, 6dB or 7dB will enable an MX641 channel to meet
this level specification. Figure 5 illustrates the range of these various settings.
To meet the German FTZ specification, the input data (D5 to D0) must be:
0 0 1 0 1
0
5.0dB
or
0 0 1 1 0
0
6.0dB
or
0 0 1 1 1
0
7.0dB
Note:
1.
By selecting the middle setting, the greatest noise immunity is achieved.
MUST
DECODE
-21dB(ref.)
-27dB(ref.)
MUST-NOT
DECODE
WILL
DECODE
WILL-NOT
DECODE
-21.9
-23.2
5.0dB
-24.5
-22.9
-24.2
6.0dB
-25.5
-23.9
-25.2
7.0dB
-26.5
Figure 5: German Specification - Possible Settings
4.3.1.3
French Specification (12kHz)
This system has a Must Decode level of -17.36dB (ref.) and a Must-Not Decode level of -23.8dB (ref.).
Reference to
Table 4 shows that Bandpass Filter Gain settings of 2dB, 3dB or 4dB will enable an MX641 channel to meet
this level specification. Figure 6 illustrates the range of these various settings.
To meet the French SPM specification, the input data (D5 to D0) must be:
0 0 0 1 0
1
2.0dB
or
0 0 0 1 1
1
3.0dB
or
0 0 1 0 0
1
4.0dB
Note:
1.
By selecting the middle setting, the greatest noise immunity is achieved.
MUST
DECODE
WILL
DECODE
WILL-NOT
DECODE
-17.36dB(ref.)
-23.8dB(ref.)
MUST-NOT
DECODE
-18.2
-19.5
2.0dB
-20.8
-19.2
-20.5
3.0dB
-21.8
-20.2
-21.5
4.0dB
-22.8
Figure 6: French Specifications - Possible Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com