Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5727 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP5727
Description  BIAS POWER SUPPLY FOR OLED SUB DISPLAY AND TFT-LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5727 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP5727 Datasheet HTML 1Page - Diodes Incorporated AP5727 Datasheet HTML 2Page - Diodes Incorporated AP5727 Datasheet HTML 3Page - Diodes Incorporated AP5727 Datasheet HTML 4Page - Diodes Incorporated AP5727 Datasheet HTML 5Page - Diodes Incorporated AP5727 Datasheet HTML 6Page - Diodes Incorporated AP5727 Datasheet HTML 7Page - Diodes Incorporated AP5727 Datasheet HTML 8Page - Diodes Incorporated AP5727 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AP5727
BIAS POWER SUPPLY FOR OLED
SUB DISPLAY AND TFT-LED
AP5727
Document number: DS31887 Rev. 2 - 2
2 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Functional Block Diagram
1.2MHz
Oscillator
RAMP
Generator
Σ
-
+
V
REF
1.25V
V
IN
3
FB
R
C
C
C
Comparator
A2
R
S
Q
A1
1
Driver
SW
Q1
2 GND
4
EN
Shutdown
5
Figure 2. Block Diagram
Pin Descriptions
Name
Description
SW
Switch Pin. Connect inductor/diode here. Minimize trace area at this pin to reduce EMI.
GND
GND pin
FB
Feedback Pin. Reference voltage is 1.25V.
EN
Regulator On/Off Control Input. A high input at EN turns on the converter, and a low input turns it off. When not
used, connect EN to the input source for automatic startup. The EN pin cannot be left floating.
VIN
Input Supply Pin. Must be locally decoupled - 4.7
μF recommended to reduce input noise.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com