Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5727 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP5727
Description  BIAS POWER SUPPLY FOR OLED SUB DISPLAY AND TFT-LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5727 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP5727 Datasheet HTML 1Page - Diodes Incorporated AP5727 Datasheet HTML 2Page - Diodes Incorporated AP5727 Datasheet HTML 3Page - Diodes Incorporated AP5727 Datasheet HTML 4Page - Diodes Incorporated AP5727 Datasheet HTML 5Page - Diodes Incorporated AP5727 Datasheet HTML 6Page - Diodes Incorporated AP5727 Datasheet HTML 7Page - Diodes Incorporated AP5727 Datasheet HTML 8Page - Diodes Incorporated AP5727 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP5727
BIAS POWER SUPPLY FOR OLED
SUB DISPLAY AND TFT-LED
AP5727
Document number: DS31887 Rev. 2 - 2
3 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Absolute Maximum Ratings (TA = 25°C)
Symbol
Parameter
Rating
Unit
VIN
VIN Pin Voltage
-0.3~7
V
VSW
SW Voltage
-0.3~32
V
VFB
Feedback Pin Voltage
-0.3~7
V
EN
EN
-0.3~7
V
TJ(MAX)
Maximum Junction Temperature
150
°C
TLEAD
Lead Temperature
300
°C
TST
Storage Temperature Range
-65 to +150
°C
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must therefore not be
exceeded under any condition.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.7
5.5
V
TJ
Operating Junction Temperature
-40
125
°C
TA
Operating Ambient Temperature
-40
85
°C
Electrical Characteristics (VIN = 3.6V, TA = 25°C, unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
System Supply Input
VIN
Operating Input Voltage
2.7
-
5.5
V
UVLO
Under Voltage Lockout
-
2.2
2.4
V
Under Voltage Lockout Hysteretic
-
85
-
mV
IQ
Quiescent Current
FB=1.3V, No Switching
-
500
-
μA
ISD
Shutdown Current
VEN < 0.4V
-
0.1
1
μA
Oscillator
FOSC
Operation Frequency
1
1.2
1.4
MHz
Dmax
Maximum Duty Cycle
86
90
-
%
Reference Voltage
VFB
Feedback Voltage
1.225
1.25
1.275
V
IFB
FB Pin Bias Current
10
45
100
nA
MOSFET
RDS(on)
On Resistance of MOSFET
-
0.95
1.2
Ω
IOCP
Switching Current Limit
Normal Operation
-
750
-
mA
Control and Protection
EN
Voltage High
ON
1.5
-
-
V
EN
Voltage Low
OFF
-
-
0.4
V
IEN
EN Pin Pull Low Current
-
4
6
μA
θJA
Thermal Resistance Junction-to-
Ambient
SOT25 (Note 2)
162
oC/W
θJC
Thermal Resistance Junction-to-
Case
SOT25 (Note 2)
36
oC/W
Notes:
2. Test condition for SOT25: Device mounted on FR-4 substrate, single-layer PC board, 2oz copper, with minimum recommended pad layout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com