Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX105AP3 Datasheet(PDF) 8 Page - CML Microcircuits

Part # FX105AP3
Description  Tone Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX105AP3 Datasheet(HTML) 8 Page - CML Microcircuits

Back Button FX105AP3 Datasheet HTML 4Page - CML Microcircuits FX105AP3 Datasheet HTML 5Page - CML Microcircuits FX105AP3 Datasheet HTML 6Page - CML Microcircuits FX105AP3 Datasheet HTML 7Page - CML Microcircuits FX105AP3 Datasheet HTML 8Page - CML Microcircuits FX105AP3 Datasheet HTML 9Page - CML Microcircuits FX105AP3 Datasheet HTML 10Page - CML Microcircuits FX105AP3 Datasheet HTML 11Page - CML Microcircuits FX105AP3 Datasheet HTML 12Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Tone Detector
FX105A
© 1999 Consumer Microcircuits Limited
8
D/105A/5
1.6.2.2 Calculate Minimum Usable Bandwidth (%)
Minimum Usable Bandwidth (MUBW) is the TOTAL (%) bandwidth required for the following:
(a)
Input signal frequency tolerance (
∆f0)
(b)
FX105A VCO temperature coefficient (TC = −100ppm/ºC)
(c)
FX105A VCO supply voltage coefficient (VC = 2330ppm/V)
Add (a), (b) and (c) and express as TOTAL (%) bandwidth, not as a ± (%) value.
MUBW = Df0 + |Tc|DTEMP + VcDVDD
MUBW = 0.5 + 0.01 x 100 + 0.233 x 1 » 2%
1.6.2.3 Calculate the Recommended Operating Bandwidth
Note again that this is the TOTAL (%) bandwidth:
BW = ½ [10 + MUBW] = ½ (10 + 2) = 6%
1.6.2.4 Select R2 for Operating BW
R2 = 4.8 BW/ [10.35 -BW] = 4.8 x 6/ (10.35 -6) » 6.8kW
The exact bandwidth given by any value of R2 will vary slightly. In applications where an exact
bandwidth is required, R2 should be a variable resistor to permit adjustment.
1.6.2.5 Calculate RVC2A (C2A = C2B) Use nearest preferred values
RVC2A » 100/ [3 f0 BW] » 100/ (3 x 2800 x 6) » 2msec
Therefore
RV » 200kW for C2A = C2B = 10nF
1.6.2.6 Define the Maximum Allowed Response Time
The maximum response time (TON) is the sum of the VCO lock time (TLOCK) and the Word integration
time (TWORD). The FX105A’s TON must not exceed the maximum time allowed for the application, but
a value lying near the maximum gives the best S/N performance.
(a)
Calculate TLOCK
TLOCK = 150/ [f0 BW] = 150/ (2800 x 6) » 9msec
Note: TLOCK may vary from near zero to the value given, causing corresponding variations in actual
TON.
(b)
Calculate Maximum Allowable TWORD
TWORD = TON
MAX
-TLOCK = 50 - 9 = 41msec
Note: Since the maximum allowed response time (TON) is 50msec, a maximum Word integration time
of 41msec is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com