Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX105AP3 Datasheet(PDF) 12 Page - CML Microcircuits

Part # FX105AP3
Description  Tone Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX105AP3 Datasheet(HTML) 12 Page - CML Microcircuits

Back Button FX105AP3 Datasheet HTML 8Page - CML Microcircuits FX105AP3 Datasheet HTML 9Page - CML Microcircuits FX105AP3 Datasheet HTML 10Page - CML Microcircuits FX105AP3 Datasheet HTML 11Page - CML Microcircuits FX105AP3 Datasheet HTML 12Page - CML Microcircuits FX105AP3 Datasheet HTML 13Page - CML Microcircuits FX105AP3 Datasheet HTML 14Page - CML Microcircuits FX105AP3 Datasheet HTML 15Page - CML Microcircuits FX105AP3 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Tone Detector
FX105A
© 1999 Consumer Microcircuits Limited
12
D/105A/5
1.7
Performance Specification
1.7.1
Electrical Performance
Absolute Maximum Ratings
Exceeding these maximum ratings can result in damage to the device.
Min.
Max.
Units
Supply (VDD - VSS)
-0.3
7.0
V
Voltage on any pin to VSS
-0.3
VDD + 0.3
V
Current into or out of VDD and VSS pins
-30
+30
mA
Current into or out of any other pin
-20
+20
mA
Maximum Output Switch Load Current
+10
mA
P3/D4 Package
Min.
Max.
Units
Total Allowable Power Dissipation at Tamb = 25°C
800
mW
... Derating
13
mW/°C
Storage Temperature
-55
+125
°C
Operating Temperature
-40
+85
°C
Operating Limits
Correct operation of the device outside these limits is not implied.
Notes
Min.
Max.
Units
Supply (VDD - VSS)
2.7
5.5
V
Operating Temperature
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com