Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WJB Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-WJB
Description  2.7 V LASER DIODE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJB Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-WJB Datasheet HTML 1Page - IC-Haus GmbH IC-WJB Datasheet HTML 2Page - IC-Haus GmbH IC-WJB Datasheet HTML 3Page - IC-Haus GmbH IC-WJB Datasheet HTML 4Page - IC-Haus GmbH IC-WJB Datasheet HTML 5Page - IC-Haus GmbH IC-WJB Datasheet HTML 6Page - IC-Haus GmbH IC-WJB Datasheet HTML 7Page - IC-Haus GmbH IC-WJB Datasheet HTML 8Page - IC-Haus GmbH IC-WJB Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
iC-WJB
2.7 V LASER DIODE DRIVER
Rev E1, Page 5/12
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC = 2.7...6 V, RSET = 2.7...27 kΩ, I(AMD) = 0.15...1.5 mA, Tj = -25...125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
405
Vs(CI)wd
Saturation Voltage at CI with
IN = lo
I(CI) = 300 µA, t(IN = lo) > tp (*)
1.5
V
406
Isc(CWD)
Pull-Up Current at CWD
V(CWD) = 0, IN = lo
2
15
µA
407
tpmin
Min. Activation Time for
Watchdog
IN = lo, CWD open
10
45
µs
Tj = 27 °C
25
µs
408
Kwd (*)
Constant for Calculating the
Watchdog Activation Time
IN = lo
0.19
0.57
µs/pF
Tj = 27 °C
0.25
µs/pF
(*) tp = (C(CWD) ∗ Kwd) + tpmin
(see Applications Information)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com