Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC-WJB Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-WJB
Description  2.7 V LASER DIODE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-WJB Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-WJB Datasheet HTML 1Page - IC-Haus GmbH IC-WJB Datasheet HTML 2Page - IC-Haus GmbH IC-WJB Datasheet HTML 3Page - IC-Haus GmbH IC-WJB Datasheet HTML 4Page - IC-Haus GmbH IC-WJB Datasheet HTML 5Page - IC-Haus GmbH IC-WJB Datasheet HTML 6Page - IC-Haus GmbH IC-WJB Datasheet HTML 7Page - IC-Haus GmbH IC-WJB Datasheet HTML 8Page - IC-Haus GmbH IC-WJB Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
iC-WJB
2.7 V LASER DIODE DRIVER
Rev E1, Page 1/12
FEATURES
o Simple APC adjustment via an external resistor
o Continuous (CW) or pulsed operation of up to 300 kHz
o Laser diode current of up to 100 mA
o Adjustable watchdog for input signals
o Soft power-on and thermal protection
o Driver shutdown in case of overtemperature and undervoltage
o Operation at 2.7 to 6 V with two to four AA/AAA cells
o Protection against reverse polarity
APPLICATIONS
o Battery supplied LD modules
o LD Pointers
PACKAGES
SO8
MSOP8
BLOCK DIAGRAM
(VCC > 4.5 )
iC−WJB
REF
VCC
REFERENCE
WATCHDOG
THERMAL
POWER DOWN
INPUT
DRIVER STAGE
REF
3
CI
CWD
AMD
ISET
GND
CWD
IN
CI
KLD
VCC
2.7..6V
MD
LD
47uF
C1
2
Ω
R2
Z6V8
D1
4
6
2
3
1
1
7
8
5
SHUTDOWN
VB
MD
LD
R1
2nF
C3
0..2
Ω
RSET
2.7..330k
Ω
470nF
(..pF)
alternative LD model
Copyright © 2008 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-WJB

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-WJ ICHAUS-IC-WJ Datasheet
577Kb / 12P
LASER DIODE DRIVER
IC-WJ ICHAUS-IC-WJ Datasheet
114Kb / 3P
APPLICATION NOTES
IC-WJEVALWJ1D ICHAUS-IC-WJEVALWJ1D Datasheet
577Kb / 12P
LASER DIODE DRIVER
IC-WJMSOP8 ICHAUS-IC-WJMSOP8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
IC-WJSO8 ICHAUS-IC-WJSO8 Datasheet
577Kb / 12P
LASER DIODE DRIVER
More results

Similar Description - IC-WJB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV.0
logo
IC-Haus GmbH
IC-WK ICHAUS-IC-WK Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
IC-WKN ICHAUS-IC-WKN Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
WKLMSOP8 ICHAUS-WKLMSOP8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKLSO8 ICHAUS-WKLSO8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKMSOP8 ICHAUS-WKMSOP8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
WKNDFN10 ICHAUS-WKNDFN10 Datasheet
274Kb / 9P
15 V CW LASER DIODE DRIVER
WKSO8 ICHAUS-WKSO8 Datasheet
236Kb / 8P
2.4 V CW LASER DIODE DRIVER
logo
Analog Devices
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
logo
IC-Haus GmbH
IC-WKN ICHAUS-IC-WKN_14 Datasheet
543Kb / 12P
15 V CW LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com