Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX633 Datasheet(PDF) 11 Page - CML Microcircuits

Part # FX633
Description  Call Progress Tone Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX633 Datasheet(HTML) 11 Page - CML Microcircuits

Back Button FX633 Datasheet HTML 5Page - CML Microcircuits FX633 Datasheet HTML 6Page - CML Microcircuits FX633 Datasheet HTML 7Page - CML Microcircuits FX633 Datasheet HTML 8Page - CML Microcircuits FX633 Datasheet HTML 9Page - CML Microcircuits FX633 Datasheet HTML 10Page - CML Microcircuits FX633 Datasheet HTML 11Page - CML Microcircuits FX633 Datasheet HTML 12Page - CML Microcircuits FX633 Datasheet HTML 13Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Call Progress Tone Detector
FX633
© 1996 Consumer Microcircuits Limited
11
D/633/3
1.7.1
Electrical Performance (continued)
Figure 5 Timing Diagram: Call Progress Tone(s) to Non Call Progress Signal
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, VDD = 3.3V to 5.0V, Tamb = - 40°C to +85°C, S/N = 20dB.
Notes
Min.
Typ.
Max.
Units
Signal Timings (ref. Figures 3, 4 and 5)
tI
Burst Length Ignored
70
ms
tL
Burst Length Detected
145
ms
tGI
Call Progress Tone Gap Length Ignored
7
20
ms
tGD
Call Progress Tone Gap Length Detected
7
40
ms
tRP
Call Progress Tone Response Time
145
ms
tDRP
Call Progress Tone De-response Time
145
ms
tGDR
Gap Detected Recorded
8
6
ms
tNG
Non Call Progress Signal Gap Length Ignored
9
80
ms
tNRP
Non Call Progress Signal Response Time
145
ms
tDNRP
Non Call Progress signal De-response Time
80
ms
tCH
State Change
0
ms
Notes:
7.
Only applies to bursts of the same frequency.
8.
To acknowledge a short tone gap
≥ 40 ms, No Signal is indicated for a minimum of 6ms.
9.
If the gap > 90 ms, a No Signal state will be decoded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com