| Electronic Components Datasheet Search |
|
FX802J Datasheet(PDF) 1 Page - CML Microcircuits |
|
|
|||||||||||||||||||||||||||||
FX802J Datasheet(HTML) 1 Page - CML Microcircuits |
|
1 / 14 page ![]() FX802 DVSR CODEC C-BUS INTERFACE AND CONTROL LOGIC SERIAL CLOCK COMMAND DATA REPLY DATA CONTROL REGISTER POWER ASSESS CLOCK GENERATOR XTAL/ CLOCK DRAM ADDRESS LINES A3/ECK A0/ENO (ENCODER OUT) A1/ DEI (DECODER IN) AUDIO IN AUDIO OUT ENCODE CLOCK DECODE CLOCK DRAM CONTROL AND TIMING ENCODER CLOCK DECODER CLOCK XTAL IDLE PATTERN STATUS REGISTER VDD VBIAS VSS DEMOD IRQ CS A2/DCK A4 A5 A6 A7 A8 A9 MOD DIRECT ACCESS CLOCKS and DATA WE CAS RAS 1 RAS 3 RAS 2 RAS 4 DECODER OUTPUT AUDIO BYPASS VBIAS STORE COMMAND BUFFER DATA READ COUNTER DATA WRITE COUNTER SPEECH PLAY COUNTERS SPEECH STORE COUNTERS PLAY COMMAND BUFFER Fig.1 FX802 DVSR Codec Brief Description The FX802 DVSR Codec contains: A Continuously Variable Slope Delta Modulation (CVSD) encoder and decoder. Control and timing circuitry for up to 4Mbits of external Dynamic Random Access Memory (DRAM). “C-BUS” µProcessor interface and control logic. When used with external DRAM, the FX802 has four primary functions: q Speech Storage Speech signals present at the Audio Input may be digitized by the CVSD encoder, and the resulting bit stream stored in DRAM. This process also provides readings of input power level for use by the system µController. q Speech Playback Previously digitized speech data may be read from DRAM and converted back into analogue form by the CVSD decoder. q Data Storage Digital data sent over the “C-BUS” from the system µController may be stored in DRAM. q Data Retrieval Digital data may be read from DRAM and sent over “C-BUS” to the system µController. Speech storage and playback may be performed concurrently with data storage or retrieval. The FX802 may also be used without DRAM (as a “stand- alone” CVSD Codec), in which case direct access is provided to the CVSD Codec digital data and clock signals. All functions are controlled by “C-BUS” commands from the system µController. The Storage, Recovery and Replay functions of the FX802 can be used for: q Answering Machine applications, where an incoming speech message is stored for later recall. q Busy Buffering, an outgoing speech message is stored temporarily until the transmit channel becomes free. q Automatic transmission of pre-recorded ‘Alarm’ or status announcements. q Time Domain Scrambling of speech messages. q VOX control of transmitter functions. q Temporary Data Storage applications, such as buffering of over-air data transmissions. On-chip the Delta Codec is supported by input and output analogue switched-capacitor filters and audio output switching circuitry. The DRAM control and timing circuitry provides all the necessary address, control and refresh signals to interface to external DRAM. The FX802 DVSR Codec is a low-power 5-volt CMOS LSI device. Publication D/802/4 December 1995 |
Similar Part No. - FX802J |
|
Similar Description - FX802J |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |