Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX802J Datasheet(PDF) 10 Page - CML Microcircuits

Part # FX802J
Description  DVSR CODEC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX802J Datasheet(HTML) 10 Page - CML Microcircuits

Back Button FX802J Datasheet HTML 6Page - CML Microcircuits FX802J Datasheet HTML 7Page - CML Microcircuits FX802J Datasheet HTML 8Page - CML Microcircuits FX802J Datasheet HTML 9Page - CML Microcircuits FX802J Datasheet HTML 10Page - CML Microcircuits FX802J Datasheet HTML 11Page - CML Microcircuits FX802J Datasheet HTML 12Page - CML Microcircuits FX802J Datasheet HTML 13Page - CML Microcircuits FX802J Datasheet HTML 14Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
“Read Status Register” – Address/Command, 61
H, followed by 1 byte of Reply Data.
Function
Power Reading
Ready
Store Command
Complete
Play Command
Complete
Power Register
Pwr
Compand Bits/page
0
1
2
3
4
5
6
7
-39.0 dB
8
10
-36.0
12
14
-33.5
16
18
-30.0
20
22
-28.0
24
32
-25.0
40
48
-22.0
56
64
-19.0
72
80
-16.0
88
128
-10.0
192
256
-6.0
320
384
0dB
448
512
Reading
MSB
Bit 7
1
6
1
5
1
4
3210
0
0000
0
0001
0
0010
0
0011
0
0100
0
0101
0
0110
0
0111
0
1000
0
1001
0
1010
0
1011
0
1100
0
1101
0
1110
0
1111
1
0000
1
0001
1
0010
1
0011
1
0100
1
0101
1
0110
1
0111
1
1000
1
1001
1
1010
1
1011
1
1100
1
1101
1
1110
1
1111
Fig.4 Typical “Power” Readings vs Input Level
Interrupts
An Interrupt Request (IRQ), (if enabled by the Control
Register) is produced by the FX802 to report the following
actions:
Power Reading Ready
Store Command Complete
Play Command Complete.
When an Interrupt Request is produced the Status Register
must be read to ascertain the source of the interrupt. This
action will clear the IRQ output.
Store Command Complete bit
(and an interrupt) is set on completion of a Store command.
This bit is cleared by loading the next Store command, or by
a General Reset command (01
H).
Play Command Complete bit
(and an interrupt) is set on completion of a Play command.
This bit is cleared by loading the next Play command, or by a
General Reset command (01
H).
Power Reading Ready bit
(and an interrupt) is set for every 1024 (1 page) voice-data
bits from the Encoder. This bit is cleared after reading the
Status Register, or by a General Reset command (01
H).
Power Register
The power assessment element shown in Figure 1 assesses
the input signal power for each encoded ‘page’ (every 1024
encoder output bits) by counting the number of 'compand
bits' (000 or 111 sequences in the output bit-stream)
produced during that ‘page,’ shown in Table 6, with typical
encoder input power levels (dB).
Power Reading measurements (Bits 0 – 4) are produced
under the same conditions as in Figure 4.
At the end of each ‘page’ the “Power Reading Ready” bit of
the Status Register is set, an Interrupt Request is generated
(if enabled) and the resulting count converted to a 5-bit
quasi-logarithmic form.
The Power Register reading is interpreted as below.
00000 represents
0 compand bits
00001 represents
1 compand bit
11111 represents
512 compand bits
– the maximum.
This “Power” reading is placed in the Status Register
where it can be read by the
µC.
Figure 4 shows this output in graphical form, indicating the
typical Input Power Level.
5-Bit Power Reading
(Status Register – bits 0 to 4)
0
10
20
30
Average Input ‘Power Level’ (dB )
-50
-40
-30
-20
-10
0dB
5.0
308mVrms
Input Frequency
= 1.0kHz
Sample Clock Rate = 32kb/s
0dB Ref:
= 308mVrms
Table 6 Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com