Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX818 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX818
Description  CTCSS SIGNALLING PROCESSOR
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX818 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX818 Datasheet HTML 3Page - CML Microcircuits FX818 Datasheet HTML 4Page - CML Microcircuits FX818 Datasheet HTML 5Page - CML Microcircuits FX818 Datasheet HTML 6Page - CML Microcircuits FX818 Datasheet HTML 7Page - CML Microcircuits FX818 Datasheet HTML 8Page - CML Microcircuits FX818 Datasheet HTML 9Page - CML Microcircuits FX818 Datasheet HTML 10Page - CML Microcircuits FX818 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
CTCSS Signalling Processor
FX818
© 1997 Consumer Microcircuits Limited
7
D/818/4
1.5
General Description
The FX818 is a programmable CTCSS sub-audio encoder/decoder for use in land mobile radio equipment, see
Figure 1.
The receiver section of the FX818 has a fast/predictive tone detector which operates in parallel with a tone
decoder. The latter decodes a user-programmable set of up to 15 tones and performs a more accurate (but
slower) analysis of the tones detected by the fast/predictive tone detector, which is a single detector that is
switchable to provide either a fast response to any CTCSS tone (FAST DETECT mode) or a fast response to a
single user-programmed CTCSS tone (PREDICTIVE mode).
The high pass audio filter is designed to filter out the CTCSS sub-audio tones. The summing and modulation
amplifiers allow the audio modulation to be controlled digitally via the C-BUS. A general purpose timer is
included.
Each function, and the routing of signals, is flexible and may be configured or controlled by the user's software.
1.5.1
Software Description
Address/Commands
Instructions and data are transferred, via "C-BUS", in accordance with the timing information given in
Figure 4.
Instruction and data transactions to and from the FX818 consist of an Address/Command (A/C) byte
followed by either:
(i)
a further instruction or data (1 or 2 bytes) or
(ii)
a status or Rx data reply (1 byte)
8-bit Write Only Registers
HEX
ADDRESS/
COMMAND
REGISTER
NAME
BIT 7
(D7)
BIT 6
(D6)
BIT 5
(D5)
BIT 4
(D4)
BIT 3
(D3)
BIT 2
(D2)
BIT 1
(D1)
BIT 0
(D0)
$01
GENERAL
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
RESET
CTCSS
$80
SUB-AUDIO
TX
DECODER
FAST
DETECT
CONTROL
ENABLE
ENABLE
ENABLE
0
0
0
0
0
CTCSS DECODER BANDWIDTH
FAST CTCSS
$82
SUB-AUDIO
MSB
LSB
MODE
SET-UP
BIT 3
BIT 2
BIT 1
BIT 0
DETECT/
PREDICTIVE
0
0
0
BPF
$88
GENERAL
BPF
BPF
6dB
TIMER
TIMER
CONTROL
ENABLE
UN-MUTE
PAD
0
0
0
ENABLE
RE-CYCLE
GENERAL
GENERAL PURPOSE TIMER
$8B
PURPOSE
MSB
LSB
TIMER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
GPT
CTCSS
CTCSS
$8E
IRQ
IRQ
IRQ
FAST IRQ
MASK
0
MASK
0
0
MASK
MASK
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com