Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX829P4 Datasheet(PDF) 28 Page - CML Microcircuits

Part # FX829P4
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829P4 Datasheet(HTML) 28 Page - CML Microcircuits

Back Button FX829P4 Datasheet HTML 24Page - CML Microcircuits FX829P4 Datasheet HTML 25Page - CML Microcircuits FX829P4 Datasheet HTML 26Page - CML Microcircuits FX829P4 Datasheet HTML 27Page - CML Microcircuits FX829P4 Datasheet HTML 28Page - CML Microcircuits FX829P4 Datasheet HTML 29Page - CML Microcircuits FX829P4 Datasheet HTML 30Page - CML Microcircuits FX829P4 Datasheet HTML 31Page - CML Microcircuits FX829P4 Datasheet HTML 32Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
Baseband Signal Processor
FX829
© 1997 Consumer Microcircuits Limited
28
D/829/4
Notes
Min.
Typ.
Max.
Units
FFSK Receiver
Signal Input Dynamic Range
(SNR = 50dB)
10, 11
100
230
1000
mVrms
Bit Error Rate
(SNR = 12dB at 1200 Baud)
11
-
2.5
-
10-4
(SNR = 12dB at 2400 Baud)
11
-
1.5
-
10-3
(SNR = 20dB at 1200/2400 Baud)
11
-
1.0
-
10-8
Receiver Synchronisation
(SNR = 12dB)
12
Probability of Bit 16 being correct
0.995
Carrier Detect
Sensitivity
12, 13
-
-
150
mVrms
Probability of Carrier Detection
- After Bit 16
(SNR = 12dB)
0.995
- With 230mVrms Noise
(No Signal)
0.05
Miscellaneous Impedances
FILTER OUT
-
600
-
Ω
Tx Audio Input (MIC) (at 100Hz)
10
-
-
M
Ω
Xtal/Clock Input
'High' pulse width
4
40
ns
'Low' pulse width
4
40
ns
Input Impedance (at 100Hz)
10
M
Ω
Gain (I/P = 1mVrms at 100Hz)
20
dB
Notes:
1.
At VDD = 5.0V only. Signal levels are proportional to VDD.
2.
Not including any current drawn from the modem pins by external circuitry.
Powersaved
=
all functions disabled.
Tx or Rx
=
device configured into any half-duplex operating mode.
Currents measured at Tamb = 25°C only.
3.
Small signal impedance, at VDD = 5.0V and Tamb = 25°C. A minimum load resistance of 6kΩ
is suggested.
4.
Timing for an external input to the XTAL/CLOCK pin.
5.
Between MIC or AMP1 inputs to Modulator and Audio outputs, see Figures 10a and 10b.
6.
It is recommended that these output levels are used to produce 60% or 100% deviation in the
transmitter.
7.
With the Tx Audio input level 20dB above the level required to produce 0dB at the
Output Drives.
8.
With output gains set to 0dB.
9.
IRQN pin.
10. See Figure 13 (variation of BER with Input Signal Level).
11. SNR = Signal to Noise Ratio in the Bit Rate Bandwidth.
12. For a "10101010101 ...01" pattern.
13. Measured with a 150mVrms input signal (no noise).
14. dBp represents a psophometrically weighted measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com