Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FX829P4 Datasheet(PDF) 29 Page - CML Microcircuits

Part # FX829P4
Description  Baseband Signal Processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX829P4 Datasheet(HTML) 29 Page - CML Microcircuits

Back Button FX829P4 Datasheet HTML 25Page - CML Microcircuits FX829P4 Datasheet HTML 26Page - CML Microcircuits FX829P4 Datasheet HTML 27Page - CML Microcircuits FX829P4 Datasheet HTML 28Page - CML Microcircuits FX829P4 Datasheet HTML 29Page - CML Microcircuits FX829P4 Datasheet HTML 30Page - CML Microcircuits FX829P4 Datasheet HTML 31Page - CML Microcircuits FX829P4 Datasheet HTML 32Page - CML Microcircuits FX829P4 Datasheet HTML 33Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Baseband Signal Processor
FX829
© 1998 Consumer Microcircuits Limited
29
D/829/4
Frequency (Hz)
-60
-50
-40
-30
-20
-10
0
10
10
100
1,000
10,000
100,000
2.55k
0.5dB
-2dB
-10.5 dB
-14 dB/octave
Response mustnotexceed this limit
6k
20k
300
Figure 10a Overall Audio Frequency Response for 12.5kHz Channel Separation
Frequency (Hz)
-60
-50
-40
-30
-20
-10
0
10
10
100
1,000
10,000
100,000
0.5dB
-2dB
-10.5 dB
-14 dB/octave
Response mustnotexceed this limit
6k
20k
300
3k
Figure 10b Overall Audio Frequency Response for 20kHz/25kHz Channel Separation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com