Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1117
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1117 Datasheet HTML 1Page - Diodes Incorporated AP1117 Datasheet HTML 2Page - Diodes Incorporated AP1117 Datasheet HTML 3Page - Diodes Incorporated AP1117 Datasheet HTML 4Page - Diodes Incorporated AP1117 Datasheet HTML 5Page - Diodes Incorporated AP1117 Datasheet HTML 6Page - Diodes Incorporated AP1117 Datasheet HTML 7Page - Diodes Incorporated AP1117 Datasheet HTML 8Page - Diodes Incorporated AP1117 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 19
2 of 12
JANUARY 2010
DS31009
www.diodes.com
© Diodes Incorporated
Lead Free
U : Tube
13 : Tape & Reel
L : Lead Free
Blank : Adj
G : Green
A P 1 1 1 7 X XX X - X
Packing
Vout
T : TO220-3L
Y : SOT89-3L
K : TO263-3L
D : TO252-3L
E : SOT223-3L
15 : 1.5V
18 : 1.8V
25 : 2.5V
33 : 3.3V
50 : 5.0V
Package
Device
Package
Code
Packaging
(Note 2)
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1117DXXL-13
D
TO252-3L
NA
NA
2500/Tape & Reel
-13
AP1117DXXG-13
D
TO252-3L
NA
NA
2500/Tape & Reel
-13
AP1117EXXL-13
E
SOT223-3L
NA
NA
2500/Tape & Reel
-13
AP1117EXXG-13
E
SOT223-3L
NA
NA
2500/Tape & Reel
-13
AP1117KXXL-13
K
TO263-3L
NA
NA
800/Tape & Reel
-13
AP1117KXXG-13
K
TO263-3L
NA
NA
800/Tape & Reel
-13
AP1117TXXL-U
T
TO220-3L
50
-U
NA
NA
AP1117TXXG-U
T
TO220-3L
50
-U
NA
NA
AP1117YXXL-13
Y
SOT89-3L
NA
NA
2500/Tape & Reel
-13
AP1117YXXG-13
Y
SOT89-3L
NA
NA
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com