Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1117 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1117
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1117 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1117 Datasheet HTML 1Page - Diodes Incorporated AP1117 Datasheet HTML 2Page - Diodes Incorporated AP1117 Datasheet HTML 3Page - Diodes Incorporated AP1117 Datasheet HTML 4Page - Diodes Incorporated AP1117 Datasheet HTML 5Page - Diodes Incorporated AP1117 Datasheet HTML 6Page - Diodes Incorporated AP1117 Datasheet HTML 7Page - Diodes Incorporated AP1117 Datasheet HTML 8Page - Diodes Incorporated AP1117 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AP1117
1A LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1117 Rev. 19
3 of 12
JANUARY 2010
DS31009
www.diodes.com
© Diodes Incorporated
(1) SOT89-3L
(2) SOT223-3L
Adj (GND)
VOUT
VIN
1
3
2
Tab is VOUT
( Top View )
VIN
VOUT
Adj (GND)
Tab is VOUT
( Top View )
3
2
1
(3) TO220-3L
(4) TO252-3L and TO263-3L
Tab is VOUT
3
VIN
2
1
VOUT
Adj (GND)
( Front View )
3
2
1
VIN
VOUT
Tab is VOUT
( Top View )
Adj (GND)
Pin Name
I/O
PIN #
Description
Adj (GND)
I
1
A resistor divider from this pin to the VOUT pin and ground sets the output
voltage (Ground only for Fixed-Mode).
VOUT
O
2
The output of the regulator. A minimum of 10uF capacitor (0.15
Ω ≤ ESR ≤
20
Ω) must be connected from this pin to ground to insure stability.
VIN
I
3
The input pin of regulator. Typically a large storage capacitor is connected
from this pin to ground to insure that the input voltage does not sag below
the minimum dropout voltage during the load transient response. This pin
must always be 1.3V higher than VOUT in order for the device to regulate
properly.
Pin Assignments
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com