Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5004 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP5004
Description  PWM CONTROL 2.5A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5004 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP5004 Datasheet HTML 1Page - Diodes Incorporated AP5004 Datasheet HTML 2Page - Diodes Incorporated AP5004 Datasheet HTML 3Page - Diodes Incorporated AP5004 Datasheet HTML 4Page - Diodes Incorporated AP5004 Datasheet HTML 5Page - Diodes Incorporated AP5004 Datasheet HTML 6Page - Diodes Incorporated AP5004 Datasheet HTML 7Page - Diodes Incorporated AP5004 Datasheet HTML 8Page - Diodes Incorporated AP5004 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP5004
PWM CONTROL 2.5A STEP-DOWN CONVERTER
AP5004
Document number: DS31444 Rev. 5 - 2
2 of 11
www.diodes.com
August 2010
© Diodes Incorporated
Typical Application Circuit
Vboost
GND
VCC
AP5004
GND
VCC
Output
FB
EN
5
6
VIN
C3
0.1uF
1
C2
220uF/63V
8
3
4
2
7
D1
B340
R1
685ohm
L1-(WURTH 744132)
33uH
C5
0.1uF
C1
100pF
VOUT = 5V
R5
100K
C6
0.1uF
U1
C7 0.1uF
1
2
R2
130ohm
C4
470uF/16V
Note: V
OUT = VFB
x (1+R1/R2)
R
B
= 100 ~ 300 ohm
Notes:
2. Suggested DIODES Power Schottky P/N: PDS540 or B540C.
Pin Descriptions
Pin Name
Pin #
Description
EN
1
H: Normal operation
L: Step-down operation stopped
FB
2
Feedback pin
Vboost
3
High-side gate driver boost pin
Output
4
Switch output pin
VCC
5、6
VCC
GND
7、8
GND pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com