Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5004 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP5004
Description  PWM CONTROL 2.5A STEP-DOWN CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5004 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP5004 Datasheet HTML 1Page - Diodes Incorporated AP5004 Datasheet HTML 2Page - Diodes Incorporated AP5004 Datasheet HTML 3Page - Diodes Incorporated AP5004 Datasheet HTML 4Page - Diodes Incorporated AP5004 Datasheet HTML 5Page - Diodes Incorporated AP5004 Datasheet HTML 6Page - Diodes Incorporated AP5004 Datasheet HTML 7Page - Diodes Incorporated AP5004 Datasheet HTML 8Page - Diodes Incorporated AP5004 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AP5004
PWM CONTROL 2.5A STEP-DOWN CONVERTER
AP5004
Document number: DS31444 Rev. 5 - 2
3 of 11
www.diodes.com
August 2010
© Diodes Incorporated
Functional Block Diagram
Oscillation
Circuit
Reference Voltage
PWM - Switched
Control Circuit
+
-
GND
EN
Output
FB
Vboost
Vcc
V
EN
Driver
Thermal
Shutdown
VL
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
1.8
KV
ESD MM
Machine Model ESD Protection
550
V
VCC
VCC Pin Voltage
VSS - 0.3 to VSS + 35
V
VFB
VOUT Pin Voltage
VSS - 0.3 to VCC
V
VEN
EN Pin Voltage
VSS - 0.3 to VCC + 0.3
V
Vboost
Vboost Pin Voltage
VOUTPUT + 7V
V
VOUTPUT
Switch Pin Voltage
VSS - 0.3 to VCC + 0.3
V
TJ
Operating Junction Temperature Range
-10 to +125
oC
TST
Storage Temperature Range
-40 to +150
oC
Caution: The absolute maximum ratings are rated values exceeding which the product could suffer physical damage. These values must
therefore not be exceeded under any conditions.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
10
32
V
IOUT
Output Current
0
2.5
A
TA
Operating Ambient Temperature
-10
85
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com