Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6015 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP6015 Datasheet HTML 8Page - Diodes Incorporated AP6015 Datasheet HTML 9Page - Diodes Incorporated AP6015 Datasheet HTML 10Page - Diodes Incorporated AP6015 Datasheet HTML 11Page - Diodes Incorporated AP6015 Datasheet HTML 12Page - Diodes Incorporated AP6015 Datasheet HTML 13Page - Diodes Incorporated AP6015 Datasheet HTML 14Page - Diodes Incorporated AP6015 Datasheet HTML 15Page - Diodes Incorporated AP6015 Datasheet HTML 16Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
12 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Enable
(EN)
When EN is on logic low, the AP6015 goes into shutdown mode. In shutdown, all other functions are turned
off. The supply current is reduced to 1uA (Typ.).
Soft Start
As the enable pin goes high, the soft-start function generates an internal voltage ramp. This causes the
start-up current to slowly raise preventing output voltage overshoot and high inrush currents. The soft-start
duration is typical 1mSec.
AP6015
START-UP
TIME
Under Voltage Lock Out
(UVLO)
The UVLO prevents the converter from turning on when the voltage on VCC is less than typically 1.6V.
0V
1.6V
3.6V
2.5V
0V
Vcc
Vout
UVLO
Application Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com