Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6015 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP6015
Description  High Efficiency Step-Down Low Power DC-DC Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6015 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP6015 Datasheet HTML 10Page - Diodes Incorporated AP6015 Datasheet HTML 11Page - Diodes Incorporated AP6015 Datasheet HTML 12Page - Diodes Incorporated AP6015 Datasheet HTML 13Page - Diodes Incorporated AP6015 Datasheet HTML 14Page - Diodes Incorporated AP6015 Datasheet HTML 15Page - Diodes Incorporated AP6015 Datasheet HTML 16Page - Diodes Incorporated AP6015 Datasheet HTML 17Page - Diodes Incorporated AP6015 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AP6015
High Efficiency Step-Down Low Power DC-DC Converter
AP6015 Rev. 3
14 of 18
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Inductor Selection
In order to avoid saturation of the inductor, the inductor should be rated at least for the maximum output
current plus the inductor ripple current which is calculated as:
f
L
V
V
V
I
CC
O
O
L
×
−
×
=
Δ
)
(
1
2
)
(
)
(
L
MAX
O
MAX
L
I
I
I
Δ
+
=
Where:
f= Switching frequency (1MHz typical)
L = Inductor value
△IL = Peak-to-peak inductor ripple current
IL(max) = Maximum inductor current
Vcc=3.6V
Vout=2.5V
f=1MHz
L=3.3uH
△IL≒230mA
Vcc=3.6V
Vout=2.5V
f=1MHz
L=1.8uH
△IL≒360mA
Application Information
(Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com