Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7217D Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP7217D
Description  1.2V 600mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217D Datasheet(HTML) 5 Page - Diodes Incorporated

  AP7217D Datasheet HTML 1Page - Diodes Incorporated AP7217D Datasheet HTML 2Page - Diodes Incorporated AP7217D Datasheet HTML 3Page - Diodes Incorporated AP7217D Datasheet HTML 4Page - Diodes Incorporated AP7217D Datasheet HTML 5Page - Diodes Incorporated AP7217D Datasheet HTML 6Page - Diodes Incorporated AP7217D Datasheet HTML 7Page - Diodes Incorporated AP7217D Datasheet HTML 8Page - Diodes Incorporated AP7217D Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AP7217D
1.2V 600mA CMOS LDO
AP7217D Rev. 2
5 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
Dropout Voltage vs. Output Current
0
100
200
300
400
500
600
700
800
900
1000
100
200
300
400
500
550
600
Output Current (mA)
Current Limit vs. Input Voltage
780
800
820
840
860
880
900
2.533.3
4
55.5
Input Voltage (V)
Quiescent Current vs. Input Voltage
20
21
22
23
24
25
26
27
28
29
30
2.5
3
3.3
4
5
5.5
Input Voltage (V)
Quiescent Current vs. Temperature
20
21
22
23
24
25
26
27
28
29
30
-40
0
25
85
100
125
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com