Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7217D Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7217D
Description  1.2V 600mA CMOS LDO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217D Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7217D Datasheet HTML 1Page - Diodes Incorporated AP7217D Datasheet HTML 2Page - Diodes Incorporated AP7217D Datasheet HTML 3Page - Diodes Incorporated AP7217D Datasheet HTML 4Page - Diodes Incorporated AP7217D Datasheet HTML 5Page - Diodes Incorporated AP7217D Datasheet HTML 6Page - Diodes Incorporated AP7217D Datasheet HTML 7Page - Diodes Incorporated AP7217D Datasheet HTML 8Page - Diodes Incorporated AP7217D Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AP7217D
1.2V 600mA CMOS LDO
AP7217D Rev. 2
1 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
•
Low Current Consumption: Typ. 40
μA
•
Output Voltage: 1.2V
•
Guaranteed 600mA Output Current
•
Dropout Voltage 850mV at 600mA Output Current
•
Input Voltage Range: 2.5V to 5.5V
•
Current Limit Protection
•
Thermal shutdown Protection
•
Stability with Low ESR Capacitors
•
Low Temperature Coefficient
•
SOT89-3L: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/ RoHS Compliant (Note 1)
The AP7217D low-dropout linear regulator operates from 2.5V to
5.5V supply and delivers a guaranteed 600mA continuous load
current.
The space-saving SOT89-3L package is suitable for “pocket” and
hand-held application.
•
CD and MP3 Players
•
Cellular and PCS Phones
•
Digital Still Camera
•
Hand-Held Computers
AP 7217D - 12 Y G - 13
Output voltage
Package
12 : 1.2V
Packing
Green
G : Green
13 : Tape & Reel
Y : SOT89-3L
Device
Package
Code
Packaging
(Note 2)
13” Tape and Reel
Quantity
Part Number Suffix
AP7217D-12YG-13
Y
SOT89-3L
2500/Tape & Reel
-13
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications
Ordering Information


Similar Part No. - AP7217D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7217 DIODES-AP7217 Datasheet
251Kb / 7P
500mA CMOS LDO
AP7217 Rev. 1
AP7217 DIODES-AP7217 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
251Kb / 7P
500mA CMOS LDO
AP7217 Rev. 1
AP7217-33SG-13 DIODES-AP7217-33SG-13 Datasheet
234Kb / 10P
500mA CMOS LDO
DS31292 Rev. 4 - 2
AP7217-33SG-U DIODES-AP7217-33SG-U Datasheet
251Kb / 7P
500mA CMOS LDO
AP7217 Rev. 1
More results

Similar Description - AP7217D

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
600mA CMOS LDO
AME8861 AME-AME8861 Datasheet
148Kb / 9P
600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
600mA CMOS LDO
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com