Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K4U6 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM8L151K4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K4U6 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM8L151K4U6 Datasheet HTML 79Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 80Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 81Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 82Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 83Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 84Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 85Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 86Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 122 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 5
83/122
Low speed internal RC oscillator (LSI)
Figure 20. Typical LSI frequency vs. VDD
Table 33.
LSI oscillator characteristics
Symbol
Parameter (1)
1.
VDD = 1.8 V to 3.0 V, TA = -40 to 125 °C unless otherwise specified.
Conditions(1)
Min
Typ
Max
Unit
fLSI
Frequency
26
38
56
kHz
tsu(LSI)
LSI oscillator wakeup time
200(2)
2.
Data based on characterization results, not tested in production.
µs
IDD(LSI)
LSI oscillator frequency
drift(3)
3.
This is a deviation for an individual part, once the initial frequency has been measured.
0 °C
≤TA ≤ 85 °C
-10
4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com