Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151K4U6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM8L151K4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151K4U6 Datasheet(HTML) 1 Page - STMicroelectronics

  STM8L151K4U6 Datasheet HTML 1Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 2Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 3Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 4Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 5Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 6Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 7Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 8Page - STMicroelectronics STM8L151K4U6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
July 2010
Doc ID 15962 Rev 5
1/122
1
STM8L151x4, STM8L151x6,
STM8L152x4, STM8L152x6
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM
RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
Features
■ Operating conditions
– Operating power supply range 1.8 V to
3.6 V (down to 1.65 V at power down)
– Temperature range: - 40 °C to 85 or 125 °C
■ Low power features
– 5 low power modes: Wait , Low power run
(5.1 µA), Low power wait (3 µA), Active-halt
with full RTC (1.3 µA), Halt (350 nA)
– Dynamic consumption: 195 µA/MHz+440µA
– Ultralow leakage per I/0: 50 nA
– Fast wakeup from Halt: 4.7 µs
■ Advanced STM8 core
– Harvard architecture and 3-stage pipeline
– Max freq. 16 MHz, 16 CISC MIPS peak
– Up to 40 external interrupt sources
■ Reset and supply management
– Low power, ultrasafe BOR reset with 5
selectable thresholds
– Ultralow power POR/PDR
– Programmable voltage detector (PVD)
■ Clock management
– 1 to 16 MHz crystal oscillator
– 32 kHz crystal oscillator
– Internal 16 MHz factory-trimmed RC
– Internal 38 kHz low consumption RC
– Clock security system
■ Low power RTC
– BCD calendar with alarm interrupt
– Auto-wakeup from Halt w/ periodic interrupt
■ LCD:up to 4x28 segments w/ step-up converter
■ Memories
– Up to 32 KB of Flash program memory and
1 Kbyte of data EEPROM with ECC, RWW
– Flexible write and read protection modes
– Up to 2 Kbytes of RAM
■ DMA
– 4 channels; supported peripherals: ADC,
DAC, SPI, I2C, USART, timers
– 1 channel for memory-to-memory
■ 12-bit DAC with output buffer
■ 12-bit ADC up to 1 Msps/25 channels
– T. sensor and internal reference voltage
■ 2 Ultralow power comparators
– 1 with fixed threshold and 1 rail to rail
– Wakeup capability
■ Timers
– Two 16-bit timers with 2 channels (used as
IC, OC, PWM), quadrature encoder
– One 16-bit advanced control timer with 3
channels, supporting motor control
– One 8-bit timer with 7-bit prescaler
– 2 watchdogs: 1 Window, 1 Independent
– Beeper timer with 1, 2 or 4 kHz frequencies
■ Communication interfaces
– Synchronous serial interface (SPI)
– Fast I2C 400 kHz SMBus and PMBus
– USART (ISO 7816 interface and IrDA)
■ Up to 41 I/Os, all mappable on interrupt vectors
■ Up to 16 capacitive sensing channels with free
firmware
■ Development support
– Fast on-chip programming and non intrusive
debugging with SWIM
– Bootloader using USART
■ 96-bit unique ID
Table 1.
Device summary
Reference
Part number
STM8L151xx
(without LCD)
STM8L151C6, STM8L151C4,
STM8L151K6, STM8L151K4,
STM8L151G6, STM8L151G4
STM8L152xx
(with LCD)
STM8L152C6, STM8L152C4,
STM8L152K6, STM8L152K4
UFQFPN48
LQFP32
UFQFPN28
UFQFPN32
LQFP48
CSP
WLCSP28
www.st.com


Similar Part No. - STM8L151K4U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151K4U6 STMICROELECTRONICS-STM8L151K4U6 Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
More results

Similar Description - STM8L151K4U6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM8L151XX STMICROELECTRONICS-STM8L151XX Datasheet
1Mb / 101P
8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
10-Sep-2009
STM8L151C8T6 STMICROELECTRONICS-STM8L151C8T6 Datasheet
1Mb / 129P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
03-Apr-2013
STM8L152R6T6 STMICROELECTRONICS-STM8L152R6T6 Datasheet
1Mb / 129P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
03-Apr-2013
STM8L052C6T6 STMICROELECTRONICS-STM8L052C6T6 Datasheet
1Mb / 102P
Value Line, 8-bit ultralow power MCU, 32-KB Flash, 256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
22-Jun-2012
STM8L052R8T6 STMICROELECTRONICS-STM8L052R8T6 Datasheet
442Kb / 55P
Value Line, 8-bit ultralow power MCU, 64-KB Flash, 256-bytes data EEPROM, RTC, LCD, timers,USART, I2C, SPI, ADC
05-Jun-2012
STM8L151F3P6 STMICROELECTRONICS-STM8L151F3P6 Datasheet
1Mb / 112P
8-bit ultralow power MCU, up to 8 KB Flash, up to 256 B data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
06-Jul-2012
STM8L152M8T6 STMICROELECTRONICS-STM8L152M8T6 Datasheet
1Mb / 134P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
31-Jul-2013
STM8L152C8T6 STMICROELECTRONICS-STM8L152C8T6 Datasheet
1Mb / 134P
8-bit ultralow power MCU, up to 64 KB Flash 2 KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
31-Jul-2013
STM8L151C2 STMICROELECTRONICS-STM8L151C2_V01 Datasheet
2Mb / 123P
8-bit ultra-low-power MCU, up to 8 KB Flash, up to 256 bytes data EEPROM, RTC, timers, USART, I2C, SPI, ADC, comparators
July 2018
STM8L151X6 STMICROELECTRONICS-STM8L151X6_V01 Datasheet
3Mb / 147P
8-bit ultra-low-power MCU, up to 64-KB Flash, 2-KB data EEPROM, RTC, LCD, timers, USARTs, I2C, SPIs, ADC, DAC, comparators
May 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com