Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11820 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB11820
Description  Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11820 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB11820 Datasheet HTML 1Page - Sanyo Semicon Device LB11820 Datasheet HTML 2Page - Sanyo Semicon Device LB11820 Datasheet HTML 3Page - Sanyo Semicon Device LB11820 Datasheet HTML 4Page - Sanyo Semicon Device LB11820 Datasheet HTML 5Page - Sanyo Semicon Device LB11820 Datasheet HTML 6Page - Sanyo Semicon Device LB11820 Datasheet HTML 7Page - Sanyo Semicon Device LB11820 Datasheet HTML 8Page - Sanyo Semicon Device LB11820 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
No. 7104-3/17
LB11820M
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[VCTL Pin]
Input voltage 1
VCTL1
Output duty : 0%
1.05
1.4
1.75
V
Input voltage 2
VCTL2
Output duty : 100%
3.0
3.5
4.1
V
Input bias current 1
IB1(CTL)
VCTL = 0 V
–80
–60
µA
Input bias current 2
IB2(CTL)
VCTL = 5 V
60
80
µA
[PWM Oscillator (PWM pin)]
High-level output voltage
VOH(PWM)
2.75
3.0
3.25
V
Low-level output voltage
VOL(PWM)
1.0
1.2
1.3
V
External capacitor charge current
ICHG
VPWM = 2.1 V
–60
–45
–30
µA
Oscillator frequency
f(PWM)
C = 1000pF
17.6
22
26.8
kHz
Amplitude
V(PWM)
1.6
1.8
2.1
Vp-p
[TOC pin]
Input voltage 1
VTOC1
Output duty : 0%
2.72
3.0
3.30
V
Input voltage 2
VTOC2
Output duty : 100%
0.99
1.2
1.34
V
Input voltage 1L
VTOC1L
Design target value*, when VCC2 = 4.7 V, 0%
2.72
2.80
2.90
V
Input voltage 2L
VTOC2L
Design target value*, when VCC2 = 4.7 V, 100%
0.99
1.08
1.17
V
Input voltage 1H
VTOC1H
Design target value*, when VCC2 = 5.3 V, 0%
3.08
3.20
3.30
V
Input voltage 2H
VTOC2H
Design target value*, when VCC2 = 5.3 V, 100%
1.11
1.22
1.34
V
[HP pin]
Output saturated voltage
VHPL
IO = 7 mA
0.15
0.5
V
Output leakage current
IHP leak
VO = 13.5 V
10
µA
[CSD Oscillator (CSD pin)]
High-level output voltage
VOH(CSD)
3.2
3.6
4.0
V
Low-level output voltage
VOL(CSD)
0.9
1.1
1.3
V
External capacitor charge current
ICHG1
–14
–10
–6
µA
External capacitor discharge current
ICHG2
7
11
15
µA
Oscillator frequency
f(CSD)
C = 0.01 µF
200
Hz
Amplitude
V(CSD)
2.2
2.5
2.75
Vp-p
[Current Limiter Circuit (RF pin)]
Limiter voltage
VRF
0.45
0.5
0.55
V
[Low-Voltage Protection Circuit (LVS pin)]
Operating voltage
VSDL
3.6
3.8
4.0
V
Release voltage
VSDH
4.1
4.3
4.5
V
Hysteresis
∆VSD
0.35
0.5
0.65
V
[Thermal Shutdown Circuit (Thermal protection circuit)]
Thermal shutdown temperature
TSD
Design target value* (Junction temperature)
125
145
165
˚C
Hysteresis
∆TSD
Design target value* (Junction temperature)
20
25
30
˚C
[PWMIN Pin]
Input frequency
f(PI)
50
kHz
High-level input voltage
VIH(PI)
2.0
VREG
V
Low-level input voltage
VIL(PI)
0
1.0
V
Input open voltage
VIO(PI)
VREG – 0.5
VREG
V
Hysteresis
VIS(PI)
0.2
0.3
0.4
V
High-level input current
IIH(PI)
VPWMIN = VREG
–10
0
10
µA
Low-level input current
IIL(PI)
VPWMIN = 0 V
–130
–96
µA
[S/S Pin]
High-level input voltage
VIH(SS)
2.0
VREG
V
Low-level input voltage
VIL(SS)
0
1.0
V
Input open voltage
VIO(SS)
VREG – 0.5
VREG
V
Hysteresis
VIS(SS)
0.2
0.3
0.4
V
High-level input current
IIH(SS)
VS/S = VREG
–10
0
10
µA
Low-level input current
IIL(SS)
VS/S = 0 V
–130
–96
µA
* : These are design target values and are not tested.
Continued from preceding page.
Continued from preceding page.
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com