Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11820 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB11820
Description  Direct PWM Drive Brushless Pre-Driver for Household Appliance Motors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11820 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB11820 Datasheet HTML 1Page - Sanyo Semicon Device LB11820 Datasheet HTML 2Page - Sanyo Semicon Device LB11820 Datasheet HTML 3Page - Sanyo Semicon Device LB11820 Datasheet HTML 4Page - Sanyo Semicon Device LB11820 Datasheet HTML 5Page - Sanyo Semicon Device LB11820 Datasheet HTML 6Page - Sanyo Semicon Device LB11820 Datasheet HTML 7Page - Sanyo Semicon Device LB11820 Datasheet HTML 8Page - Sanyo Semicon Device LB11820 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
No. 7104-5/17
LB11820M
Ambient temperature, Ta — °C
When the OFF mode is selected during reversing at the REVSEL pin, it is necessary to specify the Hall input condition.
With F/R = "L", the condition in which the Hall input is entered in the order from 1 to 6 in the above table is considered the forward rotation and that in the
reverse order is considered reversing.
With F/R = "H", the condition in which the Hall input is entered in the order from 6 to 1 in the above table is considered the forward rotation and that in the
reverse order is considered reversing.
When S/S and PWMIN pins are not used, set the input to the L level voltage.
When REVSEL and BR pins are not used, set the input to the H level voltage or the open condition.
F / R = (L)
F / R = (H)
Output
IN1
IN2
IN3
IN1
IN2
IN3
PWM
–
1
H
L
H
L
H
L
VH
UL
2
H
L
L
L
H
H
WH
UL
3
H
H
L
L
L
H
WH
VL
4
L
H
L
H
L
H
UH
VL
5
L
H
H
H
L
L
UH
WL
6
L
L
H
H
H
L
VH
WL
Three-Phase Logic Truth Table (IN = "H" refers to the state where IN+ > IN–.)
S/S Pin
Independent IC
Input state
State
High or open
Stop
Low
Start
REVSEL Pin
Input state
State
High or open
–
Low
Off in reverse
BR Pin
Input state
State
High or open
–
Low
Brake
PWIM Pin
Input state
State
High or open
Output off
Low
Output on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com