Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP05LC Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DLP05LC
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLP05LC Datasheet(HTML) 1 Page - Diodes Incorporated

  DLP05LC Datasheet HTML 1Page - Diodes Incorporated DLP05LC Datasheet HTML 2Page - Diodes Incorporated DLP05LC Datasheet HTML 3Page - Diodes Incorporated DLP05LC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DLP05LC
Document number: DS30283 Rev. 11 - 2
1 of 4
www.diodes.com
September 2009
© Diodes Incorporated
DLP05LC
LOW CAPACITANCE UNIDIRECTIONAL TVS
Features
•
300 Watts Peak Pulse Power (tp = 8x20ms)
•
Transient Protection for data, signal, and VCC bus to IEC61000-
4-2 level 4 (ESD) and IEC 61000-4-4 (EFT)
•
Low Capacitance, typ. <2 pF
•
Low Leakage Current
•
Unidirectional Configuration
•
Surface Mount Package Ideally Suited for Automated Insertion
•
Lead, Halogen and Antimony Free, RoHS Compliant "Green"
Device (Notes 4 and 5)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: See Diagram
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power (tp = 8x20
μs)
Ppk
300
W
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance, Junction to Ambient
RθJA
286
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Reverse
Standoff
Voltage
Breakdown Voltage
VBR @ IT
Test
Current
Max. Reverse
Leakage @ VRWM
Max. Clamping
Voltage @ Ipp = 1A
(Note 3)
Max. Peak Pulse
Current (Note 2)
Typical Total
Capacitance
(Note 1)
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (μA)
VC (V)
(A)
(pF)
5
6.0
⎯
1.0
20
11.0
17
1.6
Notes:
1. VR = 0V, f = 1MHz.
2 . tp = 8x20
μs.
3. Clamping voltage value is based on an 8x20
μs peak pulse current (I
pp) waveform.
4. No purposefully added lead. Halogen and Antimony Free.
5. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured
prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Device Schematic
NC
LINE TO
BE PROTECTED
G
TVS
Please click here to visit our online spice models database.


Similar Part No. - DLP05LC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC Datasheet
108Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. 8 - 2
DLP05LC DIODES-DLP05LC Datasheet
164Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev 12
DLP05LC-7-F DIODES-DLP05LC-7-F Datasheet
108Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. 8 - 2
DLP05LC-7-F DIODES-DLP05LC-7-F Datasheet
164Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev 12
More results

Similar Description - DLP05LC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC_1 Datasheet
108Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. 8 - 2
DLP03LC DIODES-DLP03LC Datasheet
112Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS31132 Rev. 10 - 3
logo
Pan Jit International I...
PJLPT05 PANJIT-PJLPT05 Datasheet
191Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
logo
Diodes Incorporated
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
D5V0F1U2S9 DIODES-D5V0F1U2S9 Datasheet
242Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 1
DLP05LC DIODES-DLP05LC_14 Datasheet
164Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev 12
DT2042-01CSP DIODES-DT2042-01CSP Datasheet
273Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 2
D5V0F1U2LP3Q DIODES-D5V0F1U2LP3Q Datasheet
381Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
June 2022 Rev. 1 - 2
D5V0F1U2S9Q DIODES-D5V0F1U2S9Q Datasheet
211Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com