Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLP05LC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DLP05LC
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DLP05LC Datasheet(HTML) 2 Page - Diodes Incorporated

  DLP05LC Datasheet HTML 1Page - Diodes Incorporated DLP05LC Datasheet HTML 2Page - Diodes Incorporated DLP05LC Datasheet HTML 3Page - Diodes Incorporated DLP05LC Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DLP05LC
Document number: DS30283 Rev. 11 - 2
2 of 4
www.diodes.com
September 2009
© Diodes Incorporated
DLP05LC
0
25
50
75
100
125
150
175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
t, TIME (µs)
Fig. 2 Pulse Waveform
Fig. 3 Typical Total Capacitance
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
01
2
3
45
V , REVERSE VOLTAGE (V)
R
f = 1MHz
0.1
1.0
0.01
10
100
0.1
1
1,000
10
Non Repetitive
Pulse Waveform
See Note 5
t , PULSE WIDTH (µs)
Fig. 4 Pulse Rating Curve
p
Ordering Information (Note 6)
Part Number
Case
Packaging
DLP05LC-7-F
SOT-23
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
A05 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
A05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com