Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6460TR Datasheet(PDF) 93 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 93 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 89Page - STMicroelectronics L6460TR Datasheet HTML 90Page - STMicroelectronics L6460TR Datasheet HTML 91Page - STMicroelectronics L6460TR Datasheet HTML 92Page - STMicroelectronics L6460TR Datasheet HTML 93Page - STMicroelectronics L6460TR Datasheet HTML 94Page - STMicroelectronics L6460TR Datasheet HTML 95Page - STMicroelectronics L6460TR Datasheet HTML 96Page - STMicroelectronics L6460TR Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 139 page
background image
L6460
Digital comparator
Doc ID 17713 Rev 1
93/139
21
Digital comparator
L6460 includes one digital comparator that can be used to signal, through serial interface,
that a channel converted by the ADC is greater, greater-equal, lesser, lesser equal, or equal
than a fixed value set by serial interface or than the value converted by the other ADC
channel.
This circuit can be used to monitor the temperature of the IC advising the firmware when it
reaches a certain value decided by the firmware by setting one ADC channel to do
continuous conversions of the temperature sensor.
The circuit operation can be enabled or disabled changing the EnDigCmp bit in the
configuration register DigCmpCfg. By setting the DigCmpUpdate[1:0] bits in the
configuration register, the comparator can be programmed to update its output in one of the
following ways:
●
DigCmpUpdate[1:0]=00
–
Continuously (each clock).
●
DigCmpUpdate[1:0]=01
–
Each time a conversion is performed on ADC channel 0.
●
DigCmpUpdate[1:0]=10
–
Each time a conversion is performed on ADC channel 1.
●
DigCmpUpdate[1:0]=11
–
ADC state machine driven.
When the last option is selected, the digital comparator will update its output in two different
ways depending on the configuration of the ADC converter. If ADC converter is configured to
do continuous conversions on both channels, the output of the comparator will be updated
when the double conversion is completed. If ADC converter is not configured to do
continuous conversions on both channels, the output of the comparator will be updated each
time a conversion is completed.
The comparator output can be digitally filtered so that the programmed condition has to be
found for three consecutive checks before to be signaled.
The Figure 29 shows the block diagram of digital comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com