Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6460TR Datasheet(PDF) 95 Page - STMicroelectronics

Part # L6460TR
Description  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR Datasheet(HTML) 95 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 91Page - STMicroelectronics L6460TR Datasheet HTML 92Page - STMicroelectronics L6460TR Datasheet HTML 93Page - STMicroelectronics L6460TR Datasheet HTML 94Page - STMicroelectronics L6460TR Datasheet HTML 95Page - STMicroelectronics L6460TR Datasheet HTML 96Page - STMicroelectronics L6460TR Datasheet HTML 97Page - STMicroelectronics L6460TR Datasheet HTML 98Page - STMicroelectronics L6460TR Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 139 page
background image
L6460
GPIO pins
Doc ID 17713 Rev 1
95/139
22
GPIO pins
Some of the pins of L6460 are indicated as GPIO (General purpose I/O). These pins can be
configured to be used in different ways depending on customer application. All GPIOs can
be used as digital input/output pins with digital value settable/readable using serial interface
or as analog input pins that can be converted using the A2D system. Some of the pins can
be used for special purposes: i.e. two of them can be used to access to the pass switch
function, other two are used as feedback pins for the auxiliary synchronous switching
regulators.
All input Schmitt triggers and output circuitry used for start-up purposes are powered by the
internally generated V3v3, while the digital output buffers are powered by VGPIO_SPI pin. To
ensure independency between V3v3 and VGPIO_SPI the GPIOs output drivers are open-drain
driver or the high side MOS is in back-to-back configuration to avoid the presence of the
body diode between output and supply.
All digital output signals can be inverted before being provided on the relative GPIO pins.
Here below is reported the table with GPIO functions.
Table 39.
GPIO functions description
Pin
Name
Function(1)
Notes
Input
Output
Special
Analog
Digital
Analog
Digital
GPIO[0]
- ADC input
- SPI IN
- SPI OUT
- Interrupt ctrl.
- AuxPwm1
- AuxPwm2
Start-up
configuration
pin
Open drain
output
GPIO[1]
- ADC input
- Comp1 In-
- Vaux1 F.B.
- SPI IN
- SPI OUT
- Interrupt ctrl.
- AuxPwm1
- AuxPwm2
Open drain
output
GPIO[2]
- ADC input
- Comp2 In-
- Vaux2 F.B.
- SPI IN
- IN PWM
- SPI OUT
- Interrupt ctrl.
- AuxPwm2
- AuxPwm3
Open drain
output
GPIO[3]
- ADC input
- SPI IN
- SPI OUT
- AuxPwm2
- AuxGpPwm3
Start-up
configuration
pin
Open drain
output
GPIO[4]
- ADC input
- SPI IN
- SPI OUT
- Interrupt ctrl.
- AuxPwm1
- AuxPwm3
Start-up
configuration
pin
Open drain
output
GPIO[5]
- ADC input
- SPI IN
- SPI OUT
- Reg. loop 1
- Comp1 out
- AuxPwm3
Slave Control
Full driver BB
powered by
V3v3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com