Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005K Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2005K
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005K Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2005K Datasheet HTML 1Page - Diodes Incorporated DMN2005K Datasheet HTML 2Page - Diodes Incorporated DMN2005K Datasheet HTML 3Page - Diodes Incorporated DMN2005K Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMN2005K
0
0
1
2
3
4
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T = 25 C
A
o
V
= 1.0V
GS
V
= 1.2V
GS
V
= 1.4V
GS
V
= 1.6V
GS
V
=1.8V
GS
V
= 2.0V
GS
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2
GS
Reverse Drain Current vs. Source-Drain Voltage
T , AMBIENT TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage
vs. Ambient Temperature
A
V
= 10V
DS
I = 1mA
D
Pulsed
I
DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-State Resistance
vs. Drain Current
D,
V
= 2.7 V
Pulsed
GS
I , DRAIN CURRENT (A)
Fig. 5 Static Drain-Source On-Resistance
vs. Drain Current
D
6
2
1
0
5
4
3
0
4
2
3
5
1
I = 200mA
D
T = 25 C
Pulsed
A
°
DMN2005K
Document number: DS30734 Rev. 5 - 2
2 of 4
www.diodes.com
November 2007
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com