Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005K Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2005K
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005K Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2005K Datasheet HTML 1Page - Diodes Incorporated DMN2005K Datasheet HTML 2Page - Diodes Incorporated DMN2005K Datasheet HTML 3Page - Diodes Incorporated DMN2005K Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMN2005K
T , AMBIENT TEMPERATURE (°C)
Fig. 7 Static Drain-Source, On-Resistance
A
vs. Ambient Temperature
V
DRAIN-SOURCE VOLTAGE (V)
Fig. 8 Reverse Drain Current
SD,
vs. Source-Drain Voltage
0.0
0.2
0.4
0.6
0.8
1.0
I , DRAIN CURRENT (A)
Fig. 9 Forward Transfer Admittance vs. Drain Current
D
f = 1MHz
Ciss
Crss
Coss
Ordering Information (Note 6)
Part Number
Case
Packaging
DMN2005K-7
SOT-23
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
DM
DM = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
DMN2005K
Document number: DS30734 Rev. 5 - 2
3 of 4
www.diodes.com
November 2007
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com