Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005LP4K-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2005LP4K-7
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005LP4K-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2005LP4K-7 Datasheet HTML 1Page - Diodes Incorporated DMN2005LP4K-7 Datasheet HTML 2Page - Diodes Incorporated DMN2005LP4K-7 Datasheet HTML 3Page - Diodes Incorporated DMN2005LP4K-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMN2005LP4K
Document number: DS30799 Rev. 4 - 2
2 of 4
www.diodes.com
March 2009
© Diodes Incorporated
DMN2005LP4K
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (per element) (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
⎯
⎯
V
VGS = 0V, ID = 100μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
10
μA
VDS = 17V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±5
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (per element) (Note 5)
Gate Threshold Voltage
VGS(th)
0.53
⎯
0.9
V
VDS = VGS, ID = 100μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
⎯
⎯
⎯
⎯
0.9
0.85
1.2
2.4
2.5
1.5
1.7
1.7
3.5
3.5
Ω
VGS = 4V, ID = 10mA
VGS = 2.7V, ID = 200mA
VGS = 2.5V, ID = 10mA
VGS = 1.8V, ID = 200mA
VGS = 1.5V, ID = 1mA
Forward Transfer Admittance
⏐Yfs⏐
40
⎯
⎯
mS
VDS = 3V, ID = 10mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
41
⎯
pF
VDS = 3V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
13
⎯
pF
Reverse Transfer Capacitance
Crss
⎯
4.5
⎯
pF
Switching Time
Turn-on Time
ton
⎯
14.2
⎯
nS
VDD = 3V, ID = 10 mA,
VGS = 0-2.5V
Turn-off Time
toff
⎯
45.7
⎯
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
0
1
2
3
4
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
T = 25 C
A
o
V
= 1.0V
GS
V
= 1.2V
GS
V
= 1.4V
GS
V
= 1.6V
GS
V
=1.8V
GS
V
= 2.0V
GS
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2
GS
Reverse Drain Current vs. Source-Drain Voltage
0.001
1
0.01
0.1
T , AMBIENT TEMPERATURE (°C)
Fig. 3 Gate Threshold Voltage vs. Ambient Temperature
A
I
DRAIN CURRENT (A)
Fig. 4 Static Drain-Source On-State Resistance vs. Drain Current
D,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com