Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005LP4K-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN2005LP4K-7
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005LP4K-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN2005LP4K-7 Datasheet HTML 1Page - Diodes Incorporated DMN2005LP4K-7 Datasheet HTML 2Page - Diodes Incorporated DMN2005LP4K-7 Datasheet HTML 3Page - Diodes Incorporated DMN2005LP4K-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMN2005LP4K
Document number: DS30799 Rev. 4 - 2
3 of 4
www.diodes.com
March 2009
© Diodes Incorporated
DMN2005LP4K
I , DRAIN CURRENT (A)
Fig. 5 Static Drain-Source On-Resistance vs. Drain Current
D
0.1
0.4
1
0.2
0.6
0.8
0.001
0.01
0.1
6
2
1
0
5
4
3
0
V
, GATE-SOURCE VOLTAGE (V)
GS
4
2
3
5
1
Fig. 6 Static Drain-Source, On-Resistance vs. Gate-Source Voltage
T , AMBIENT TEMPERATURE (°C)
Fig. 7 Static Drain-Source, On-Resistance
A
vs. Ambient Temperature
V
DRAIN-SOURCE VOLTAGE (V)
Fig. 8 Reverse Drain Current
SD,
vs. Source-Drain Voltage
0
0.6
0.2
0.4
0.8
I , DRAIN CURRENT (A)
Fig. 9 Forward Transfer Admittance vs. Drain Current
D
f = 1MHz
C
iss
C
rss
Coss



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com