Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DC4617QLP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 2DC4617QLP
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DC4617QLP Datasheet(HTML) 1 Page - Diodes Incorporated

  2DC4617QLP Datasheet HTML 1Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 2Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2DC4617QLP
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
•
Complementary PNP Type Available (2DA1774QLP)
•
Ultra-Small Leadless Surface Mount Package
•
Lead Free By Design/RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: DFN1006-3
•
Case Material: Molded Plastic, "Green" Molding
Compound. UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminal Connections Indicator: Collector Dot
•
Terminals: Finish
⎯ NiPdAu over Copper leadframe.
Solderable per MIL-STD-202, Method 208
•
Ordering Information: See Page 3
•
Marking Information: See Page 3
•
Weight: 0.0009 grams
C
E
B
2
3
1
BOTTOM VIEW
TOP VIEW
(Internal Schematic)
DFN1006-3
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current - Continuous
IC
100
mA
Peak Collector Current
ICM
200
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation @TA = 25°C (Note 3)
PD
250
mW
Thermal Resistance, Junction to Ambient @TA = 25°C (Note 3)
RθJA
500
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Collector-Base Breakdown Voltage
V(BR)CBO
50
⎯
V
IC = 50μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
50
⎯
V
IC = 1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5.0
⎯
V
IE = 50μA, IC = 0
Collector Cutoff Current
ICBO
⎯
100
5
nA
μA
VCB = 30V
VCB = 30V, TA = 150°C
Emitter Cutoff Current
IEBO
⎯
100
nA
VEB = 4.0V
ON CHARACTERISTICS (Note 4)
DC Current Gain
hFE
120
270
⎯
VCE = 6.0V, IC = 1.0mA
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
0.2
V
IC = 50mA, IB = 5.0mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
3.5
pF
VCB = 12V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
100
⎯
MHz
VCE = 12V, IC = 2.0mA,
f = 100MHz
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Part mounted on FR-4 PCB with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
4. Short duration pulse test used to minimize self-heating effect.
DS31439 Rev. 3 - 2
1 of 3
www.diodes.com
2DC4617QLP
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - 2DC4617QLP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DC4617QLP DIODES-2DC4617QLP Datasheet
136Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
2DC4617QLP-7 DIODES-2DC4617QLP-7 Datasheet
136Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
2DC4617QLP-7B DIODES-2DC4617QLP-7B Datasheet
136Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
2DC4617QLP DIODES-2DC4617QLP_11 Datasheet
136Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
2DC4617QLP DIODES-2DC4617QLP_15 Datasheet
352Kb / 5P
50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
More results

Similar Description - 2DC4617QLP

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
2DC4617Q DIODES-2DC4617Q Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 4 - 2
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
MMBT2222AT DIODES-MMBT2222AT_1 Datasheet
172Kb / 4P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30268 Rev. 8 - 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com