Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DC4617QLP Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DC4617QLP
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DC4617QLP Datasheet(HTML) 3 Page - Diodes Incorporated

  2DC4617QLP Datasheet HTML 1Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 2Page - Diodes Incorporated 2DC4617QLP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS31439 Rev. 3 - 2
3 of 3
www.diodes.com
2DC4617QLP
© Diodes Incorporated
Ordering Information (Note 5)
Device
Packaging
Shipping
2DC4617QLP-7
DFN1006-3
3000/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
DFN1006-3 Taping orientation
Direction of feed
8D
8D = Product Type Marking Code
Dot Denotes Collector Side
Package Outline Dimensions
DFN1006-3
Dim
Min
Max
Typ
A
0.47
0.53
0.50
A1
0
0.05
0.03
b1
0.10
0.20
0.15
b2
0.45
0.55
0.50
D
0.95
1.075
1.00
E
0.55
0.675
0.60
e
⎯
⎯
0.35
L1
0.20
0.30
0.25
L2
0.20
0.30
0.25
L3
⎯
⎯
0.40
All Dimensions in mm
L2
A1
E b2
L1
L3
D
e
b1
A
Suggested Pad Layout
Y
C
G1
G2
X
X
1
Z
Dimensions
Value (in mm)
Z
1.1
G1
0.3
G2
0.2
X
0.7
X1
0.25
Y
0.4
C
0.7
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com