Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1875 Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LB1875
Description  Polygon Mirror Motor Predriver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1875 Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LB1875 Datasheet HTML 9Page - Sanyo Semicon Device LB1875 Datasheet HTML 10Page - Sanyo Semicon Device LB1875 Datasheet HTML 11Page - Sanyo Semicon Device LB1875 Datasheet HTML 12Page - Sanyo Semicon Device LB1875 Datasheet HTML 13Page - Sanyo Semicon Device LB1875 Datasheet HTML 14Page - Sanyo Semicon Device LB1875 Datasheet HTML 15Page - Sanyo Semicon Device LB1875 Datasheet HTML 16Page - Sanyo Semicon Device LB1875 Datasheet HTML 17Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
LB1875
No. 6002-13/17
Pin number
Pin name
Equivalent circuit
Pin function
6
CLKIN
7
CLKOUT
8
F/R
9FGSEL
10
LIM
Continued from preceding page
Clock input (max. 10 kHz)
Low: 0 to 1.5V
High: 3.5V to V
REG
High when open.
Quartz oscillator divider output
Ratio is selected with pin 5.
Open collector output
Forward/reverse switching pin
Low: 0 to 1.5V
High: 3.5V to V
REG
High when open.
FG comparator selector pin
Low: 0 to 1.5V
–> Speed control on FG single edge
High: 3.5V to V
REG
–> Speed control on FG dual edge
High when open.
Drive mode selector pin
Low: 0 to 1.5V
–> Direct PWM drive mode
High: 3.5 V to V
REG
–> PAM drive mode
High when open.
Continued on next page
6
VREG
5.6 K
Ω
30 k
Ω
A11354
7
VREG
A11355
8
VREG
5.6 k
Ω
30 k
Ω
A11356
9
VREG
5.6 k
Ω
30 k
Ω
A11357
10
VREG
5.6 k
Ω
30 k
Ω
A11358



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com