Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1875 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1875
Description  Polygon Mirror Motor Predriver IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1875 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1875 Datasheet HTML 1Page - Sanyo Semicon Device LB1875 Datasheet HTML 2Page - Sanyo Semicon Device LB1875 Datasheet HTML 3Page - Sanyo Semicon Device LB1875 Datasheet HTML 4Page - Sanyo Semicon Device LB1875 Datasheet HTML 5Page - Sanyo Semicon Device LB1875 Datasheet HTML 6Page - Sanyo Semicon Device LB1875 Datasheet HTML 7Page - Sanyo Semicon Device LB1875 Datasheet HTML 8Page - Sanyo Semicon Device LB1875 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LB1875
No. 6002-2/17
Specifications
Maximum Ratings at Ta = 25
°C
Operation Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
14.5
V
Output current
IO max
30
mA
Allowable power dissipation
Pd max
IC only
0.9
W
2.1
W
Operating temperature
Topr
°C
Storage temperature
Tstg
°C
– 20 to +80
– 55 to +150
with substrate (114.3 x 76.1 x 1.6 mm
3,
glass exposy)
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC1
8 to 13.5
V
VCC2
When shorted between VCC and VREG
4.5 to 5.5
V
Output current
IO
20
mA
5V regulated output current
IREG
0 to –20
mA
Voltage applied at LD pin
VLD
0 to 13.5
V
LD pin output current
ILD
0 to 10
mA
Voltage applied at PWM pin
VPWM
0 to 13.5
V
PWM pin output current
IPWM
0 to 20
mA
0
–20
20
40
60
80
100
120
0.8
0.5
1.18
0.9
0.4
1.2
1.6
2.0
2.1
2.4
0
Ambient temperature, Ta – ˚C
Pd max – Ta
With substrate (114.3 x 76.1 x 1.6 mm, glass exposy)
IC only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com