Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1967 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1967
Description  Fan Motor 2-Phase Half-Wave Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1967 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1967 Datasheet HTML 1Page - Sanyo Semicon Device LB1967 Datasheet HTML 2Page - Sanyo Semicon Device LB1967 Datasheet HTML 3Page - Sanyo Semicon Device LB1967 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LB1967M
No. 6115-1/4
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
18
V
Output current
IOUT ave
500
mA
IOUT peak t ≤ 1 ms
1200
mA
Output withstand voltage
VOUT max
Internal
V
FG output current
IFG max
10
mA
FG output withstand voltage
VFGOUT max
18
V
Allowable power dissipation
Pd max
With specified substrate *
800
mW
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
* Specified substrate (114.3
× 76.1 × 1.5 mm3, glass exposy)
Monolithic Digital IC
LB1967M
Fan Motor 2-Phase Half-Wave Driver
Package Dimensions
unit: mm
3086A-MFP10S
O2599RM(KI)
[LB1967M]
Features
• Dual power supply voltage design (5/12V) and wide voltage
handling range
• Built-in Hall amplifier with hysteresis (supports core
without auxiliary electrode)
• Built-in lockup protection and automatic recovery circuits
(External capacitor for rotation detection need only be 0.1
µF, allowing compact, cost-saving design)
• Built-in FG output (Vosat = 0.2Vtyp at IO = 5 mA)
• Built-in output transistor with output withstand voltage
24Vmin/output current 500 mA (average), 1.2A (peak)
• Built-in thermal protection circuit
• Compact, high-temperature resistant MFP-10 package
reduces external parts count and mounting space, therefore
making this IC support the motors with a wide range of
sizes and speeds.
Ordering number : ENN6115
Overview
The LB1967M is a brushless motor driver IC for 2-phase half-
wave drive well suited for compact fan motor for communica-
tion and office equipment, etc.
Specification
1
10
5
6
0.55
1.0
0.35
5.1
0.15
SANYO : MFP10S
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - LB1967

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1960M SANYO-LB1960M Datasheet
69Kb / 4P
For Fan Motor 2-phase Half-Wave Driver
LB1960MC SANYO-LB1960MC Datasheet
162Kb / 4P
2-phase Half-Wave Driver
logo
ON Semiconductor
LB1960MC ONSEMI-LB1960MC Datasheet
135Kb / 4P
2-phase Half-Wave Driver
May, 2013
logo
Sanyo Semicon Device
LB1960MC-AH SANYO-LB1960MC-AH Datasheet
162Kb / 4P
2-phase Half-Wave Driver
More results

Similar Description - LB1967

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6817F ROHM-BA6817F Datasheet
231Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M Datasheet
34Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
LB1966M SANYO-LB1966M Datasheet
32Kb / 4P
Fan Motor 2-Phase Half-Wave Driver
logo
Rohm
BA6901F ROHM-BA6901F Datasheet
127Kb / 10P
2-Phase half-wave motor pre driver for fan motor
BA6813F ROHM-BA6813F Datasheet
234Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
BA6818FS ROHM-BA6818FS Datasheet
237Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
BD6701F ROHM-BD6701F Datasheet
225Kb / 5P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6706FV ROHM-BD6706FV Datasheet
243Kb / 6P
2-Phase Half-Wave Motor Driver for Fan Motor
BD6712AF ROHM-BD6712AF Datasheet
229Kb / 6P
2-Phase Half-Wave Pre Driver for Fan Motor
logo
Sanyo Semicon Device
LB1960M SANYO-LB1960M_08 Datasheet
69Kb / 4P
For Fan Motor 2-phase Half-Wave Driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com